Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT34WC02 Datasheet (PDF) - Catalyst Semiconductor

CAT34WC02 Datasheet PDF - Catalyst Semiconductor
Part # CAT34WC02
Download  CAT34WC02 Download
File Size   49.33 Kbytes
Page   10 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 2K-Bit I2C Serial EEPROM, Serial Presence Detect

CAT34WC02 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT34WC02 Datasheet PDF - Catalyst Semiconductor

Part # CAT34WC02
Download  CAT34WC02 Click to download

File Size   49.33 Kbytes
Page   10 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 2K-Bit I2C Serial EEPROM, Serial Presence Detect

CAT34WC02 Datasheet (HTML) - Catalyst Semiconductor


CAT34WC02 Product details

DESCRIPTION
The CAT34WC02 is a 2K-bit Serial CMOS EEPROM internally organized as 256 words of 8 bits each. Catalyst’s advanced CMOS technology substantially reduces device power requirements. The CAT34WC02 features a 16-byte page write buffer. The device operates via the I2C bus serial interface and is available in 8-pin DIP, 8- pin SOIC or 8-pin TSSOP packages.

FEATURES
■ 400 KHz (5V) and 100 KHz (1.8V) I2C bus compatible
■ 1.8 to 6.0 volt operation
■ Low power CMOS technology – zero standby current
■ 16-byte page write buffer
■ Commercial, industrial and automotive temperature ranges
■ Self-timed write cycle with auto-clear
■ Software write protection for lower 128 bytes
■ 1,000,000 program/erase cycles
■ 100 year data retention
■ 8-pin DIP, 8-pin SOIC and 8-pin TSSOP packages
■ 256 x 8 memory organization
■ Hardware write protect




Similar Part No. - CAT34WC02

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
275Kb / 10P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34WC02GYITE13A CATALYST-CAT34WC02GYITE13A Datasheet
275Kb / 10P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34WC02GYITE13C CATALYST-CAT34WC02GYITE13C Datasheet
275Kb / 10P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34WC02GYITE13E CATALYST-CAT34WC02GYITE13E Datasheet
275Kb / 10P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34WC02UITE13A CATALYST-CAT34WC02UITE13A Datasheet
275Kb / 10P
2-kb I2C Serial EEPROM, Serial Presence Detect
More results


Similar Description - CAT34WC02

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
34RC02 CATALYST-34RC02 Datasheet
445Kb / 16P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34FC02 CATALYST-CAT34FC02 Datasheet
451Kb / 10P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
2-kb I2C Serial EEPROM, Serial Presence Detect
logo
Microchip Technology
24AA02 MICROCHIP-24AA02_07 Datasheet
401Kb / 26P
2K I2C??Serial EEPROM
2007
24VL024 MICROCHIP-24VL024 Datasheet
488Kb / 30P
2K I2C??Serial EEPROM
2009
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
logo
STMicroelectronics
M34E04B STMICROELECTRONICS-M34E04B Datasheet
566Kb / 35P
4-Kbit Serial Presence Detect EEPROM compatible
21-Oct-2015
logo
Catalyst Semiconductor
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
2-kb I2C Serial EEPROM, Serial Presence Detect
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com