Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT64LC10 Datasheet (PDF) - Catalyst Semiconductor

CAT64LC10 Datasheet PDF - Catalyst Semiconductor
Part # CAT64LC10
Download  CAT64LC10 Download
File Size   64.85 Kbytes
Page   9 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 1K/2K/4K-Bit SPI Serial E2PROM

CAT64LC10 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT64LC10 Datasheet PDF - Catalyst Semiconductor

Part # CAT64LC10
Download  CAT64LC10 Click to download

File Size   64.85 Kbytes
Page   9 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 1K/2K/4K-Bit SPI Serial E2PROM

CAT64LC10 Datasheet (HTML) - Catalyst Semiconductor


CAT64LC10 Product details

DESCRIPTION
The CAT64LC10/20/40 is a 1K/2K/4K-bit Serial EEPROM which is configured as 64/128/256 registers by 16 bits.
Each register can be written (or read) serially by using the DI (or DO) pin. The CAT64LC10/20/40 is manufactured using Catalyst’s advanced CMOS EEPROM floating gate technology. It is designed to endure 1,000,000 program/erase cycles and has a data retention of 100 years. The device is available in 8-pin DIP, SOIC and TSSOP packages.

FEATURES
■ SPI bus compatible
■ Low power CMOS technology
■ 2.5V to 6.0V operation
■ Self-timed write cycle with auto-clear
■ Hardware reset pin
■ Hardware and software write protection Parts
■ Commercial, industrial and automotive temperature ranges
■ Power-up inadvertant write protection
■ RDY/BSYpin for end-of-write indication
■ 1,000,000 program/erase cycles
■ 100 year data retention




Similar Part No. - CAT64LC10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
1K/2K/4K-Bit SPI Serial EEPROM
CAT64LC10JATE13 CATALYST-CAT64LC10JATE13 Datasheet
300Kb / 12P
1K/2K/4K-Bit SPI Serial EEPROM
CAT64LC10JITE13 CATALYST-CAT64LC10JITE13 Datasheet
300Kb / 12P
1K/2K/4K-Bit SPI Serial EEPROM
CAT64LC10JTE13 CATALYST-CAT64LC10JTE13 Datasheet
300Kb / 12P
1K/2K/4K-Bit SPI Serial EEPROM
CAT64LC10LATE13 CATALYST-CAT64LC10LATE13 Datasheet
300Kb / 12P
1K/2K/4K-Bit SPI Serial EEPROM
More results


Similar Description - CAT64LC10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
1K/2K/4K-Bit SPI Serial EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
1K/2K/4K SPI Serial CMOS EEPROM
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Catalyst Semiconductor
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
1K/2K/4K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
1K/2K/4K SPI Serial CMOS EEPROM
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com