Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4102 Datasheet (PDF) - Compensated Deuices Incorporated

1N4102 Datasheet PDF - Compensated Deuices Incorporated
Part # 1N4102
Download  1N4102 Download
File Size   98.4 Kbytes
Page   2 Pages
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated
Description LOW CURRENT OPERATION AT 250 uA

1N4102 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4102 Datasheet PDF - Compensated Deuices Incorporated

Part # 1N4102
Download  1N4102 Click to download

File Size   98.4 Kbytes
Page   2 Pages
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated
Description LOW CURRENT OPERATION AT 250 uA

1N4102 Datasheet (HTML) - Compensated Deuices Incorporated


1N4102 Product details

• 1N4099-1 THRU 1N4135-1 AVAILABLE IN JAN, JANTX, JANTXV AND JANS PER MIL-PRF-19500/435
• LOW CURRENT OPERATION AT 250 µ A
• LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
• METALLURGICALLY BONDED




Similar Part No. - 1N4102

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
1N4102 KNOX-1N4102 Datasheet
37Kb / 1P
LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
logo
Microsemi Corporation
1N4102 MICROSEMI-1N4102 Datasheet
86Kb / 2P
SILICON 500mA LOW NOISE ZENER DIODES
1N4102 MICROSEMI-1N4102 Datasheet
109Kb / 2P
SILICON 400mA LOW NOISE ZENER DIODES
1N4102 MICROSEMI-1N4102 Datasheet
111Kb / 2P
LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
logo
Jinan Gude Electronic D...
1N4102 JGD-1N4102 Datasheet
181Kb / 2P
500mW LOW NOISE SILION ZENER DIODES
More results


Similar Description - 1N4102

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4614 CDI-DIODE-1N4614 Datasheet
112Kb / 2P
LOW CURRENT OPERATION AT 250 uA
logo
Kingbright Corporation
SC05-11XWA KINGBRIGHT-SC05-11XWA Datasheet
1Mb / 5P
Low current operation
SA36-11SURKWA KINGBRIGHT-SA36-11SURKWA Datasheet
374Kb / 6P
Low current operation
SC36-11CGKWA KINGBRIGHT-SC36-11CGKWA Datasheet
372Kb / 6P
Low current operation
SC39-11SYKWA KINGBRIGHT-SC39-11SYKWA Datasheet
351Kb / 6P
Low current operation
TA07-11SYKWA KINGBRIGHT-TA07-11SYKWA Datasheet
350Kb / 6P
Low current operation
TC07-11SURKWA KINGBRIGHT-TC07-11SURKWA Datasheet
355Kb / 6P
Low current operation
TC07-11SYKWA KINGBRIGHT-TC07-11SYKWA Datasheet
353Kb / 6P
Low current operation
logo
SunLED Corporation
XZMEDGCBD56W SUNLED-XZMEDGCBD56W Datasheet
304Kb / 4P
Low current operation
logo
Guangdong Youtai Semico...
SN74LVC1G14 UMW-SN74LVC1G14_V01 Datasheet
1Mb / 14P
Low input current: 0.1 uA typical
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com