Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4706 Datasheet (PDF) - Compensated Deuices Incorporated

1N4706 Datasheet PDF - Compensated Deuices Incorporated
Part # 1N4706
Download  1N4706 Download
File Size   116.68 Kbytes
Page   2 Pages
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated
Description 50 uA, LOW OPERATING CURRENT, ZENER DIODES

1N4706 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4706 Datasheet PDF - Compensated Deuices Incorporated

Part # 1N4706
Download  1N4706 Click to download

File Size   116.68 Kbytes
Page   2 Pages
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated
Description 50 uA, LOW OPERATING CURRENT, ZENER DIODES

1N4706 Datasheet (HTML) - Compensated Deuices Incorporated


1N4706 Product details

• 50 µA, LOW OPERATING CURRENT, ZENER DIODES

• DOUBLE PLUG CONSTRUCTION

• METALLURGICALLY BONDED



MAXIMUM RATINGS

Operating Temperature: -65°C to +175°C

Storage Temperature: -65°C to +175°C

Power Dissipation: 500mW @ +50°C

DC Power Derating: 4 mW / °C above +50°C

Forward Voltage: 1.1 Volts maximum @ 200 mA




Similar Part No. - 1N4706

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4706 VISHAY-1N4706 Datasheet
67Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
General Semiconductor
1N4706 GE-1N4706 Datasheet
40Kb / 2P
ZENER DIODES
logo
Knox Semiconductor, Inc
1N4706 KNOX-1N4706 Datasheet
36Kb / 1P
LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
logo
Microsemi Corporation
1N4706 MICROSEMI-1N4706 Datasheet
48Kb / 1P
SILICON 250 mW ZENER DIODES
logo
TAITRON Components Inco...
1N4706 TAITRON-1N4706 Datasheet
245Kb / 4P
ZENER DIODES
More results


Similar Description - 1N4706

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4099 CDI-DIODE-1N4099 Datasheet
98Kb / 2P
LOW CURRENT OPERATION AT 250 uA
1N4614 CDI-DIODE-1N4614 Datasheet
112Kb / 2P
LOW CURRENT OPERATION AT 250 uA
CDLL4678 CDI-DIODE-CDLL4678 Datasheet
112Kb / 2P
50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
Knox Semiconductor, Inc
1N4678 KNOX-1N4678 Datasheet
36Kb / 1P
LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
50 Watt Zener Diodes
logo
Microsemi Corporation
1N2804B MICROSEMI-1N2804B_10 Datasheet
201Kb / 6P
50 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N2804 NJSEMI-1N2804 Datasheet
227Kb / 2P
50 WATTS ZENER DIODES
1N4678 NJSEMI-1N4678 Datasheet
145Kb / 1P
50 uA, LOW OPERATING CURRENT, ZENER DIODE
logo
Microsemi Corporation
1N4553A MICROSEMI-1N4553A Datasheet
380Kb / 3P
50 WATT ZENER DIODES
logo
Guangdong Youtai Semico...
SN74LVC1G14 UMW-SN74LVC1G14_V01 Datasheet
1Mb / 14P
Low input current: 0.1 uA typical
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com