Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75175 Datasheet (PDF) - Motorola, Inc

SN75175 Datasheet PDF - Motorola, Inc
Part # SN75175
Download  SN75175 Download
File Size   135.89 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS

SN75175 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75175 Datasheet PDF - Motorola, Inc

Part # SN75175
Download  SN75175 Click to download

File Size   135.89 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS

SN75175 Datasheet (HTML) - Motorola, Inc


SN75175 Product details

Quad EIA–485 Line Receiver



The Motorola SN75175 is a monolithic quad differential line receiver with three–state outputs. It is designed specifically to meet the requirements of EIA–485, EIA–422A/23A Standards and CCITT recommendations.

The device is optimized for balanced multipoint bus transmission at rates up to 10 megabits per second. It also features high input impedance, input hysteresis for increased noise immunity, and input sensitivity of ±200 mV over a common mode input voltage range of –12 V to 12 V. The SN75175 is designed for optimum performance when used with the SN75172 or SN75174 quad differential line drivers.



• Meets EIA Standards EIA–422A and EIA–423A, EIA–485

• Meets CCITT Recommendations V.10, V.11, X.26, and X.27

• Designed for Multipoint Transmission on Long Bus Lines in Noisy Environments

• 3–State Outputs

• Common–Mode Input Voltage Range . . . –12 V to 12 V

• Input Sensitivity . . . ±200 mV

• Input Hysteresis . . . 50 mV Typ

• High Input Impedance . . . 1 EIA–485 Unit Load

• Operates from Single 5.0 V Supply

• Lower Power Requirements

• Plug–In Replacement for MC3486



 




Similar Part No. - SN75175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75175 TI-SN75175 Datasheet
152Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN75175 TI-SN75175 Datasheet
431Kb / 16P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN75175 TI1-SN75175 Datasheet
1,010Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN75175D TI-SN75175D Datasheet
152Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN75175D TI-SN75175D Datasheet
431Kb / 16P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Similar Description - SN75175

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AM26LS31 MOTOROLA-AM26LS31 Datasheet
77Kb / 4P
Quad Line Driver with NAND Enabled Three-State Outputs
AM26LS32 MOTOROLA-AM26LS32 Datasheet
81Kb / 4P
QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Motorola, Inc
MC26LS31 MOTOROLA-MC26LS31 Datasheet
205Kb / 3P
Quad Line Driver with NAND Enabled Three-State Outputs
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B_06 Datasheet
122Kb / 13P
Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
logo
NTE Electronics
NTE7174 NTE-NTE7174 Datasheet
39Kb / 3P
Integrated Circuit Quad EIA−422 Line Receiver With Three−State Outputs
NTE7175 NTE-NTE7175 Datasheet
40Kb / 3P
Integrated Circuit Quad EIA−422 Line Driver With Three−State Outputs
logo
Motorola, Inc
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
Quad EIA-422-A Line Receiver CMOS
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
Quad EIA-422-A Line Receiver
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
Quad EIA-485 Line Drivers
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com