Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2139ACBZ-1.5-R7 Datasheet (PDF) - Analog Devices

ADP2139ACBZ-1.5-R7 Datasheet PDF - Analog Devices
Part # ADP2139ACBZ-1.5-R7
Download  ADP2139ACBZ-1.5-R7 Download
File Size   544.67 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter

ADP2139ACBZ-1.5-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP2139ACBZ-1.5-R7 Datasheet PDF - Analog Devices

Part # ADP2139ACBZ-1.5-R7
Download  ADP2139ACBZ-1.5-R7 Click to download

File Size   544.67 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter

ADP2139ACBZ-1.5-R7 Datasheet (HTML) - Analog Devices




Similar Part No. - ADP2139ACBZ-1.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2139 AD-ADP2139 Datasheet
520Kb / 16P
Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
More results


Similar Description - ADP2139ACBZ-1.5-R7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Analog Devices
ADP2108 AD-ADP2108 Datasheet
1Mb / 16P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. A
ADP2138 AD-ADP2138 Datasheet
520Kb / 16P
Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
logo
ON Semiconductor
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
logo
Analog Devices
ADP2108AUJZ-3.3-R7 AD-ADP2108AUJZ-3.3-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
logo
Texas Instruments
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
LM3673 TI-LM3673_15 Datasheet
4Mb / 28P
2-MHz, 350-mA Step-Down DC-DC Converter
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com