Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-8050JD Datasheet (PDF) - Sanken electric

SI-8050JD Datasheet PDF - Sanken electric
Part # SI-8050JD
Download  SI-8050JD Download
File Size   59.12 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Surface-Mount, Separate Excitation Step-down Switching Mode

SI-8050JD Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-8050JD Datasheet PDF - Sanken electric

Part # SI-8050JD
Download  SI-8050JD Click to download

File Size   59.12 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Surface-Mount, Separate Excitation Step-down Switching Mode

SI-8050JD Datasheet (HTML) - Sanken electric


SI-8050JD Product details

Designed to meet high-current requirements at high efficiency in industrial and consumer applications; embedded core, memory, or logic supplies; TVs, VCRs, and office or telecommunications equipment, the SI-8050JD dc/dc step-down (buck) converter offers a constant 125 kHz switching frequency essential for low EMI noise. The npn switch is included on the die along with the oscillator, control, and logic circuitry requiring only four external components for a regulated 5.0 V output at

up to 1.5 A. .



FEATURES

■7 V to 40 V Input Range

■1.5 A Output Current at 5.0 V

■2% Output Voltage Tolerance

■Foldback Current Limiting

■Constant 125 kHz Switching Frequency

■200 µA Maximum Standby Current

■Soft Start Prevents Supply Voltage Dip

■Remote Voltage Sensing

■Exposed Pad for Superior Heat Dissipation

■Thermal Protection



APPLICATIONS

■TVs, VCRs, Electronic Games

■Embedded Core, Memory, or Logic Supplies

■Printers and Other Office Equipment

■Industrial Machinery

■Telecommunications Equipment




Similar Part No. - SI-8050JD

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
Step-Down to 5.0 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8050JD SANKEN-SI-8050JD Datasheet
442Kb / 2P
Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
logo
Allegro MicroSystems
SI-8050JD-TL ALLEGRO-SI-8050JD-TL Datasheet
538Kb / 10P
Step-Down to 5.0 V, 1.5 A, DC/DC Converter
More results


Similar Description - SI-8050JD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000JD SANKEN-SI-8000JD_11 Datasheet
86Kb / 2P
Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000SD SANKEN-SI-8000SD_11 Datasheet
74Kb / 2P
Surface Mount, Separate Excitation Step-down Switching Mode
SI-8000HD SANKEN-SI-8000HD Datasheet
55Kb / 2P
Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8033SD SANKEN-SI-8033SD Datasheet
55Kb / 2P
Surface Mount, Separate Excitation Step-down Switching Mode
SI-8033W SANKEN-SI-8033W Datasheet
47Kb / 2P
Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8050W SANKEN-SI-8050W Datasheet
47Kb / 2P
Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8120JD SANKEN-SI-8120JD Datasheet
59Kb / 2P
Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8001FDL SANKEN-SI-8001FDL Datasheet
69Kb / 2P
Surface Mount, Separate Excitation Step-down Switching Mode
SI-8008HD SANKEN-SI-8008HD Datasheet
56Kb / 2P
Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8008TM SANKEN-SI-8008TM Datasheet
51Kb / 2P
Surface-Mount, Separate Excitation Step-down Switching Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com