Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-8050SD Datasheet (PDF) - Sanken electric

SI-8050SD Datasheet PDF - Sanken electric
Part # SI-8050SD
Download  SI-8050SD Download
File Size   55.57 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Surface Mount, Separate Excitation Step-down Switching Mode

SI-8050SD Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-8050SD Datasheet PDF - Sanken electric

Part # SI-8050SD
Download  SI-8050SD Click to download

File Size   55.57 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Surface Mount, Separate Excitation Step-down Switching Mode

SI-8050SD Datasheet (HTML) - Sanken electric


SI-8050SD Product details

DC/DC Converter ICs



■ Features

• Surface-mount package (TO263-5)

• Output current: 3.0A

• High efficiency: 79% typ. (SI-8033SD), 84% typ. (SI-8050SD)

• Requires only 4 discrete external components

• Internally-adjusted phase correction and output voltage

• Built-in reference oscillator (60kHz)

• Built-in overcurrent and thermal protection circuits

• Output ON/OFF available

• Soft start available by S.S pin



■ Applications

• Power supplies for telecommunication equipment

• Onboard local power supplies



 




Similar Part No. - SI-8050SD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8050SD SANKEN-SI-8050SD Datasheet
455Kb / 5P
Surface Mount Separate Excitation Step-down Switching Mode Regulator ICs
More results


Similar Description - SI-8050SD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000JD SANKEN-SI-8000JD_11 Datasheet
86Kb / 2P
Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000SD SANKEN-SI-8000SD_11 Datasheet
74Kb / 2P
Surface Mount, Separate Excitation Step-down Switching Mode
SI-8000HD SANKEN-SI-8000HD Datasheet
55Kb / 2P
Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8033SD SANKEN-SI-8033SD Datasheet
55Kb / 2P
Surface Mount, Separate Excitation Step-down Switching Mode
SI-8033W SANKEN-SI-8033W Datasheet
47Kb / 2P
Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8050W SANKEN-SI-8050W Datasheet
47Kb / 2P
Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8120JD SANKEN-SI-8120JD Datasheet
59Kb / 2P
Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8001FDL SANKEN-SI-8001FDL Datasheet
69Kb / 2P
Surface Mount, Separate Excitation Step-down Switching Mode
SI-8008HD SANKEN-SI-8008HD Datasheet
56Kb / 2P
Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8008TM SANKEN-SI-8008TM Datasheet
51Kb / 2P
Surface-Mount, Separate Excitation Step-down Switching Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com