Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-8050Y Datasheet (PDF) - Sanken electric

SI-8050Y Datasheet PDF - Sanken electric
Part # SI-8050Y
Download  SI-8050Y Download
File Size   69.54 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Current Mode Control Step-Switching Mode

SI-8050Y Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-8050Y Datasheet PDF - Sanken electric

Part # SI-8050Y
Download  SI-8050Y Click to download

File Size   69.54 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Current Mode Control Step-Switching Mode

SI-8050Y Datasheet (HTML) - Sanken electric


SI-8050Y Product details

■ Features

• Compact (equivalent to TO220) full-mold package

• Output current: 8.0 A

• High efficiency: 86%

• Built-in reference oscillator (130 kHz)

• Built-in drooping-type-overcurrent protection and thermal protection circuits

• Built-in soft start circuit (Output ON/OFF available)

• Low current consumption during off



■ Applications

• AV equipment

• OA equipment

• Gaming equipment

• Onboard local power supplies



 




Similar Part No. - SI-8050Y

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8050Y SANKEN-SI-8050Y Datasheet
92Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
More results


Similar Description - SI-8050Y

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8005Q SANKEN-SI-8005Q Datasheet
1Mb / 2P
Step-Down Switching Regulator with Current-Mode Control
SI-8100QL SANKEN-SI-8100QL Datasheet
436Kb / 2P
Current Mode Control Step-down Switching Mode Regulator ICs
SI-8000Y SANKEN-SI-8000Y Datasheet
59Kb / 2P
Current Mode Control Step-down Switching Mode Regulator ICs
SI-8100QL SANKEN-SI-8100QL_11 Datasheet
79Kb / 2P
Current Mode Control Step-down Switching Mode
NR885K SANKEN-NR885K Datasheet
61Kb / 2P
Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
NR887D SANKEN-NR887D Datasheet
58Kb / 2P
Current Mode Control, Synchronous Rectifier Step-down Switching Mode
SI-8105QL SANKEN-SI-8105QL Datasheet
56Kb / 2P
Current Mode Control Step-down Switching Mode
SI-8205NHD SANKEN-SI-8205NHD Datasheet
64Kb / 2P
Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
NR885K SANKEN-NR885K Datasheet
61Kb / 2P
Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
SI-8005Q SANKEN-SI-8005Q Datasheet
526Kb / 2P
Surface Mount, Current Mode Control Step-down Switching Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com