Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-92 Datasheet (PDF) - Littelfuse

TO-92 Datasheet PDF - Littelfuse
Part # TO-92
Download  TO-92 Download
File Size   306.92 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Sample Instructions for Choosing a Packing Option

TO-92 Datasheet (PDF)

Go To PDF Page Download Datasheet
TO-92 Datasheet PDF - Littelfuse

Part # TO-92
Download  TO-92 Click to download

File Size   306.92 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Sample Instructions for Choosing a Packing Option

TO-92 Datasheet (HTML) - Littelfuse


TO-92 Product details

Description
The SIDAC is a silicon bilateral voltage triggered switch. Upon application of a voltage exceeding the SIDAC breakover voltage point, the SIDAC switches on through a negative resistance region to a low on-state voltage. Conduction continues until the current is interrupted or drops below the minimum holding current of the device. SIDACs feature glass-passivated junctions to ensure a rugged and dependable device capable of withstanding harsh environments.

Features
• AC Circuit Oriented
• Triggering Voltage of 79V to 330V
• RoHS Compliant

Applications
Suitable for high voltage power supplies, natural gas igniters, high-pressure Sodium lamps, and Xenon flash ignition.




Similar Part No. - TO-92

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO-92 ETC-TO-92 Datasheet
169Kb / 4P
TO-92 (3 leads) Leaded Thru-hole Plastic Package
TO-92 ETC2-TO-92 Datasheet
15Kb / 2P
DING-DONG SOUND EFFECT GENERATOR IC
logo
Suntac Electronic Corp.
TO-92 SUNTAC-TO-92 Datasheet
94Kb / 3P
NPN POWER TRANSISTORS
logo
SHENZHEN YONGERJIA INDU...
TO-92 WINNERJOIN-TO-92 Datasheet
144Kb / 1P
TRANSISTOR (PNP)
TO-92 WINNERJOIN-TO-92 Datasheet
138Kb / 1P
TRANSISTOR (NPN)
More results


Similar Description - TO-92

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L6008L6TP LITTELFUSE-L6008L6TP Datasheet
306Kb / 8P
Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
Q4006N4TP ETC2-Q4006N4TP Datasheet
306Kb / 8P
Sample Instructions for Choosing a Packing Option
logo
Littelfuse
S8055NTP LITTELFUSE-S8055NTP Datasheet
306Kb / 8P
Sample Instructions for Choosing a Packing Option
K2000SRP LITTELFUSE-K2000SRP Datasheet
306Kb / 8P
Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
FQD5N50CTM ETC2-FQD5N50CTM Datasheet
236Kb / 2P
TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
Q4004D4RP ETC2-Q4004D4RP Datasheet
306Kb / 8P
Sample Instructions for Choosing a Packing Option
logo
Littelfuse
L6006V8TP LITTELFUSE-L6006V8TP Datasheet
306Kb / 8P
Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
FQD3N40TM ETC2-FQD3N40TM Datasheet
236Kb / 2P
TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
logo
STMicroelectronics
TN0107 STMICROELECTRONICS-TN0107 Datasheet
710Kb / 15P
Mounting instructions for STMicroelectronics
21-Jul-2014
AN1756 STMICROELECTRONICS-AN1756 Datasheet
208Kb / 10P
Choosing a DALI implementation strategy with ST7DALIF2
17-Mar-2009
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com