Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6571BD013TR Datasheet (PDF) - STMicroelectronics

L6571BD013TR Datasheet PDF - STMicroelectronics
Part # L6571BD013TR
Download  L6571BD013TR Download
File Size   234.5 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage half bridge driver with oscillator

L6571BD013TR Datasheet (PDF)

Go To PDF Page Download Datasheet
L6571BD013TR Datasheet PDF - STMicroelectronics

Part # L6571BD013TR
Download  L6571BD013TR Click to download

File Size   234.5 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage half bridge driver with oscillator

L6571BD013TR Datasheet (HTML) - STMicroelectronics


L6571BD013TR Product details

Features
■ High voltage rail up to 600 V
■ BCD off line technology
■ 15.6 V Zener clamp on Vs
■ Driver current capability:
– Sink current = 270 mA
– Source current = 170 mA
■ Very low start up current: 150 mA
■ Undervoltage lockout with hysteresis
■ Programmable oscillator frequency
■ Dead time 1.25 μs (L6571A) or 0.72 μs
(L6571B)
■ dV/dt immunity up to ±50 V/ns
■ ESD protection

Description
The device is a high voltage half bridge driver with
built in oscillator. The frequency of the oscillator
can be programmed using external resistor and
capacitor.
The internal circuitry of the device allows it to be
driven also by external logic signal.
The output drivers are designed to drive external
nchannel power MOSFET and IGBT. The internal
logic assures a dead time to avoid crossconduction of the power devices.
Two version are available: L6571A and L6571B.
They differ in the internal dead time: 1.25μs and
0.72 μs (typ.)




Similar Part No. - L6571BD013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6571BD STMICROELECTRONICS-L6571BD Datasheet
60Kb / 7P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6571BD STMICROELECTRONICS-L6571BD Datasheet
132Kb / 8P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Sep-2000
More results


Similar Description - L6571BD013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6569 STMICROELECTRONICS-L6569 Datasheet
110Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6571A STMICROELECTRONICS-L6571A Datasheet
60Kb / 7P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6571A_0009 STMICROELECTRONICS-L6571A_0009 Datasheet
132Kb / 8P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Sep-2000
logo
ON Semiconductor
NCP1392B ONSEMI-NCP1392B_09 Datasheet
203Kb / 21P
High-Voltage Half-Bridge Driver with Inbuiltc Oscillator
May, 2012 ??Rev. 3
NCP1392B ONSEMI-NCP1392B_12 Datasheet
203Kb / 21P
High-Voltage Half-Bridge Driver with Inbuilt Oscillator
May, 2012 ??Rev. 3
logo
STMicroelectronics
L6569AD013TR STMICROELECTRONICS-L6569AD013TR Datasheet
181Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6569D013TR STMICROELECTRONICS-L6569D013TR Datasheet
181Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6571AD013TR STMICROELECTRONICS-L6571AD013TR Datasheet
234Kb / 12P
High voltage half bridge driver with oscillator
15-Jan-2010
E-L6569 STMICROELECTRONICS-E-L6569 Datasheet
181Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
logo
ON Semiconductor
NCP1392 ONSEMI-NCP1392 Datasheet
162Kb / 21P
High-Voltage Half-Bridge Driver with Inbuilt Oscillator
March, 2016 ??Rev. 4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com