Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-M71T Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-M71T Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-M71T
Download  ACPL-M71T Download
File Size   119.99 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation

ACPL-M71T Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-M71T Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M71T
Download  ACPL-M71T Click to download

File Size   119.99 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation

ACPL-M71T Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-M71T Product details

Description
The Avago ACPL-M71T and ACPL-M72T are high temperature, digital CMOS optocouplers in SOIC-5 packages. Suitable for hybrid and electric vehicle applications, the optocouplers use the latest CMOS IC technology to achieve outstanding performance and very low power consumption. All devices are AEC-Q100 compliant and operate over the –40°C to 125 °C temperature range.

Features
• 5 V CMOS compatible
• Common-Mode Rejection 40kV/s @ VCM=1000V:
• Wide automotive temperature range: –40°C to 125°C
• Low propagation delay :
    – High Speed ACPL-M71T: 26ns @ IF = 10 mA (Typical)
    – Low Power ACPL-M72T: 60ns @ IF = 4 mA (Typical)
• Worldwide safety approval:
    – UL 1577 recognized, 4000 Vrms / 1 min
    – CSA approved
    – IEC/EN/DIN EN 60747-5-5
• Qualified to AEC-Q100 Grade 1 test guidelines

Applications
• Automotive CANBus communications interface
• Automotive isolated high speed gate drivers for IGBTs and Power MOSFETs
• High temperature digital signal isolation
• Microcontroller interface
• Digital isolation for A/D and D/A conversion




Similar Part No. - ACPL-M71T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M71T AVAGO-ACPL-M71T Datasheet
119Kb / 12P
High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualifi cation
logo
Broadcom Corporation.
ACPL-M71T-000E BOARDCOM-ACPL-M71T-000E Datasheet
371Kb / 12P
High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualification
More results


Similar Description - ACPL-M71T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61T AVAGO-ACPL-M61T Datasheet
219Kb / 10P
10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
ACPL-M72T-000E AVAGO-ACPL-M72T-000E Datasheet
119Kb / 12P
High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualifi cation
ACFL-5211T AVAGO-ACFL-5211T Datasheet
312Kb / 12P
Qualified to AEC Q100 Grade 1 Guidelines
ACFL-5212T AVAGO-ACFL-5212T Datasheet
343Kb / 12P
Qualified to AEC Q100 Grade 1 Guidelines
logo
Broadcom Corporation.
ACPL-K72T-000E BOARDCOM-ACPL-K72T-000E Datasheet
870Kb / 16P
Automotive High-Speed Low-Power Digital Optocouplers with R2Coupler짰 Isolation and AEC-Q100 Grade 1 Qualification
ACPL-K74T-000E BOARDCOM-ACPL-K74T-000E Datasheet
870Kb / 16P
Automotive High-Speed Low-Power Digital Optocouplers with R2Coupler짰 Isolation and AEC-Q100 Grade 1 Qualification
ACPL-K75T-000E BOARDCOM-ACPL-K75T-000E Datasheet
870Kb / 16P
Automotive High-Speed Low-Power Digital Optocouplers with R2Coupler짰 Isolation and AEC-Q100
ACPL-M61T-000E BOARDCOM-ACPL-M61T-000E Datasheet
219Kb / 10P
10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
ACPL-M71T-000E BOARDCOM-ACPL-M71T-000E Datasheet
371Kb / 12P
High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualification
ACPL-M72T-000E BOARDCOM-ACPL-M72T-000E Datasheet
371Kb / 12P
High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com