Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD843B Datasheet (PDF) - Analog Devices

AD843B Datasheet PDF - Analog Devices
Part # AD843B
Download  AD843B Download
File Size   460.22 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 34 MHz, CBFET Fast Settling Op Amp

AD843B Datasheet (PDF)

Go To PDF Page Download Datasheet
AD843B Datasheet PDF - Analog Devices

Part # AD843B
Download  AD843B Click to download

File Size   460.22 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 34 MHz, CBFET Fast Settling Op Amp

AD843B Datasheet (HTML) - Analog Devices


AD843B Product details

PRODUCT DESCRIPTION
The AD843 is a fast settling, 34 MHz, CBFET input op amp. The AD843 combines the low (0.6 nA) input bias currents characteristic of a FET input amplifier while still providing a 34 MHz bandwidth and a 135 ns settling time (to within 0.01% of final value for a 10 volt step). The AD843 is a member of the Analog Devices’ family of wide bandwidth operational amplifiers. These devices are fabricated using Analog Devices’ junction isolated complementary bipolar (CB) process. This process permits a combination of dc precision and wideband ac performance previously unobtainable in a monolithic op amp.

FEATURES
AC PERFORMANCE
    Unity Gain Bandwidth: 34 MHz
    Fast Settling: 135 ns to 0.01%
    Slew Rate: 250 V/ms
    Stable at Gains of 1 or Greater
    Full Power Bandwidth: 3.9 MHz

DC PERFORMANCE
    Input Offset Voltage: 1 mV max (AD843K/B}
    Input Bias Current: 0.6 nA typ
    Input Voltage Noise: 19 nV/√Hz
    Open Loop Gain: 30 V/mV into a 500 V Load
    Output Current: 50 mA min
    Supply Current: 13 mA max
    Available in 8-Pin Plastic Mini-DIP & Cerdip, 16-Pin SOIC, 20-Pin LCC and 12-Pin Hermetic Metal Can Packages
    Available in Tape and Reel in Accordance with EIA-481A Standard
    Chips and MIL-STD-883B Parts Also Available

APPLICATIONS
    High Speed Sample-and-Hold Amplifiers
    High Bandwidth Active Filters
    High Speed Integrators
    High Frequency Signal Conditioning




Similar Part No. - AD843B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD843B AD-AD843B Datasheet
448Kb / 12P
34 MHz, CBFET Fast Settling Op Amp
REV.D
AD843BH AD-AD843BH Datasheet
448Kb / 12P
34 MHz, CBFET Fast Settling Op Amp
REV.D
AD843BQ AD-AD843BQ Datasheet
448Kb / 12P
34 MHz, CBFET Fast Settling Op Amp
REV.D
More results


Similar Description - AD843B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD843 AD-AD843 Datasheet
448Kb / 12P
34 MHz, CBFET Fast Settling Op Amp
REV.D
AD845 AD-AD845 Datasheet
234Kb / 8P
Precision, 16 MHz CBFET Op Amp
REV.D
5962-9098001MPA AD-5962-9098001MPA Datasheet
460Kb / 12P
34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843JNZ AD-AD843JNZ Datasheet
460Kb / 12P
34 MHz, CBFET Fast Settling Op Amp
REV. D
AD845JNZ AD-AD845JNZ Datasheet
217Kb / 12P
Precision, 16 MHz CBFET Op Amp
REV. E
AD845JRZ-16-REEL7 AD-AD845JRZ-16-REEL7 Datasheet
174Kb / 12P
Precision, 16 MHz CBFET Op Amp
REV. E
AD843 AD-AD843_15 Datasheet
460Kb / 12P
34 MHz, CBFET Fast Settling Op Amp
REV. D
AD845 AD-AD845_15 Datasheet
217Kb / 12P
Precision, 16 MHz CBFET Op Amp
REV. E
AD843 AD-AD843_17 Datasheet
485Kb / 13P
34 MHz, CBFET Fast Settling Op Amp
23-Feb-2017
AD845 AD-AD845_17 Datasheet
222Kb / 13P
Precision, 16 MHz CBFET Op Amp
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com