Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-TS101S Datasheet (PDF) - Analog Devices

ADSP-TS101S Datasheet PDF - Analog Devices
Part # ADSP-TS101S
Download  ADSP-TS101S Download
File Size   685.25 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description TigerSHARC Embedded Processor

ADSP-TS101S Datasheet (PDF)

Go To PDF Page Download Datasheet
ADSP-TS101S Datasheet PDF - Analog Devices

Part # ADSP-TS101S
Download  ADSP-TS101S Click to download

File Size   685.25 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description TigerSHARC Embedded Processor

ADSP-TS101S Datasheet (HTML) - Analog Devices


ADSP-TS101S Product details

GENERAL DESCRIPTION
The ADSP-TS101S TigerSHARC® processor is an ultrahigh performance, Static SuperscalarTM †processor optimized for large signal processing tasks and communications infrastructure. The DSP combines very wide memory widths with dual computation blocks—supporting 32- and 40-bit floating-point and 8-, 16-, 32-, and 64-bit fixed-point processing—to set a new standard of performance for digital signal processors. The TigerSHARC processor’s Static Superscalar architecture lets the processor execute up to four instructions each cycle, performing 24 fixed-point (16-bit) operations or six floating-point operations.

FEATURES
   300 MHz, 3.3 ns instruction cycle rate
   6M bits of internal—on-chip—SRAM memory
   19 mm × 19 mm (484-ball) or 27 mm × 27 mm
      (625-ball) PBGA package
   Dual computation blocks—each containing an ALU, a
      multiplier, a shifter, and a register file
   Dual integer ALUs, providing data addressing and pointer
      manipulation
   Integrated I/O includes 14-channel DMA controller, external
      port, 4 link ports, SDRAM controller, programmable flag
      pins, 2 timers, and timer expired pin for system integration
   1149.1 IEEE compliant JTAG test access port for on-chip
      emulation
   On-chip arbitration for glueless multiprocessing with up to
      8 TigerSHARC processors on a bus

BENEFITS
   Provides high performance Static Superscalar DSP
      operations, optimized for telecommunications infrastructure
      and other large, demanding multiprocessor DSP
      applications
   Performs exceptionally well on DSP algorithm and I/O
      benchmarks (see benchmarks in Table 1 and Table 2)
   Supports low overhead DMA transfers between internal
      memory, external memory, memory-mapped peripherals,
      link ports, other DSPs (multiprocessor), and host
      processors
   Eases DSP programming through extremely flexible
      instruction set and high-level language-friendly DSP architecture
   Enables scalable multiprocessing systems with low
      communications overhead




Similar Part No. - ADSP-TS101S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
Embedded Processor
REV. A
ADSP-TS101S AD-ADSP-TS101S Datasheet
667Kb / 48P
TigerSHARC Embedded Processor
REV. B
ADSP-TS101SAB1-000 AD-ADSP-TS101SAB1-000 Datasheet
827Kb / 44P
Embedded Processor
REV. A
ADSP-TS101SAB1-000 AD-ADSP-TS101SAB1-000 Datasheet
685Kb / 48P
TigerSHARC Embedded Processor
REV. C
ADSP-TS101SAB1-100 AD-ADSP-TS101SAB1-100 Datasheet
827Kb / 44P
Embedded Processor
REV. A
More results


Similar Description - ADSP-TS101S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-TS203S AD-ADSP-TS203S Datasheet
609Kb / 40P
TigerSHARC Embedded Processor
Dec-2003
ADSP-TS202S AD-ADSP-TS202S Datasheet
615Kb / 40P
TigerSHARC Embedded Processor
Dec-2003
ADSP-TS201S AD-ADSP-TS201S Datasheet
547Kb / 40P
TigerSHARC-R Embedded Processor
Dec-2003
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
Embedded Processor
Dec-2007
ADSP-TS202S AD-ADSP-TS202S_06 Datasheet
1Mb / 48P
TigerSHARC Embedded Processor
12/06-Rev. B to Rev. C
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
Embedded Processor
Apr-2007
ADSP-TS201S AD-ADSP-TS201S_06 Datasheet
1Mb / 48P
TigerSHARC-R Embedded Processor
12/06-Rev. B to Rev. C
ADSP-TS101S AD-ADSP-TS101S_09 Datasheet
685Kb / 48P
TigerSHARC Embedded Processor
REV. C
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
TigerSHARC Embedded Processor
REV. B
ADSP-TS101S AD-ADSP-TS101S_15 Datasheet
685Kb / 48P
TigerSHARC Embedded Processor
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com