Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1707ARDZ-25-R7 Datasheet (PDF) - Analog Devices

ADP1707ARDZ-25-R7 Datasheet PDF - Analog Devices
Part # ADP1707ARDZ-25-R7
Download  ADP1707ARDZ-25-R7 Download
File Size   563.02 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 A, Low Dropout, CMOS Linear Regulator

ADP1707ARDZ-25-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1707ARDZ-25-R7 Datasheet PDF - Analog Devices

Part # ADP1707ARDZ-25-R7
Download  ADP1707ARDZ-25-R7 Click to download

File Size   563.02 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 A, Low Dropout, CMOS Linear Regulator

ADP1707ARDZ-25-R7 Datasheet (HTML) - Analog Devices


ADP1707ARDZ-25-R7 Product details

GENERAL DESCRIPTION
The ADP1706/ADP1707/ADP1708 are CMOS, low dropout linear regulators that operate from 2.5 V to 5.5 V and provide up to 1 A of output current. Using an advanced proprietary architecture, they provide high power supply rejection and achieve excellent line and load transient response with a small 4.7 μF ceramic output capacitor.

FEATURES
    Maximum output current: 1 A
    Input voltage range: 2.5 V to 5.5 V
    Low shutdown current: <1 μA
    Low dropout voltage: 345 mV @ 1 A load
    Initial accuracy: ±1%
    Accuracy over line, load, and temperature: ±2.5%
    16 fixed output voltage options with soft start: 0.75 V to 3.3 V (ADP1706)
    16 fixed output voltage options with tracking 0.75 V to 3.3 V (ADP1707)
    Adjustable output voltage option: 0.8 V to 5.0 V (ADP1708)
    Stable with small 4.7 μF ceramic output capacitor
    Excellent load/line transient response
    Current limit and thermal overload protection
    Logic-controlled enable
    Available in an 8-lead, exposed paddle SOIC and 3 mm × 3 mm, 8-lead exposed paddle LFCSP

APPLICATIONS
    Notebook computers
    Memory components
    Telecommunications equipment
    Network equipment
    DSP/FPGA/microprocessor supplies
    Instrumentation equipment/data acquisition systems




Similar Part No. - ADP1707ARDZ-25-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1707ARDZ-2.5-R7 AD-ADP1707ARDZ-2.5-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ARDZ-2.5-R7 AD-ADP1707ARDZ-2.5-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ARDZ-2.5-R7 AD-ADP1707ARDZ-2.5-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1707ARDZ-2.5-R7 AD-ADP1707ARDZ-2.5-R7 Datasheet
1Mb / 19P
1 A, Low Dropout, CMOS Linear Regulator
Rev. B
More results


Similar Description - ADP1707ARDZ-25-R7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Analog Devices
ADP1740 AD-ADP1740 Datasheet
165Kb / 6P
2 A, Low Dropout, CMOS Linear Regulator
Rev. PrA
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
1 A Low Dropout Positive Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
logo
Analog Devices
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ AD-ADP1708ARDZ Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ_16 Datasheet
1Mb / 27P
1-A Low Dropout CMOS Linear Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com