Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPD106R Datasheet (PDF) - Central Semiconductor Corp

CPD106R Datasheet PDF - Central Semiconductor Corp
Part # CPD106R
Download  CPD106R Download
File Size   623.41 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description Schottky Diode Chip

CPD106R Datasheet (PDF)

Go To PDF Page Download Datasheet
CPD106R Datasheet PDF - Central Semiconductor Corp

Part # CPD106R
Download  CPD106R Click to download

File Size   623.41 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description Schottky Diode Chip

CPD106R Datasheet (HTML) - Central Semiconductor Corp


CPD106R Product details

PROCESS DETAILS
   Die Size 8.3 x 8.3 MILS
   Die Thickness 3.9 MILS
   Anode Bonding Pad Area 5.4 x 5.4 MILS
   Top Side Metalization Al - 30,000Å
   Back Side Metalization Au - 12,000Å




Similar Part No. - CPD106R

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD102X CENTRAL-CPD102X Datasheet
717Kb / 2P
Schottky Diode High Voltage Schottky Diode Chip
CPD102X-1N5711 CENTRAL-CPD102X-1N5711 Datasheet
527Kb / 4P
Schottky Diode Die 15mA, 70 Volt
R0 28-November 2017
CPD102X-6263E-CT CENTRAL-CPD102X-6263E-CT Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
CPD102X-6263E-CT CENTRAL-CPD102X-6263E-CT Datasheet
530Kb / 9P
PNP - High Voltage Transistor Die
R0 8-August 2019
CPD102X-CMPD6263 CENTRAL-CPD102X-CMPD6263 Datasheet
550Kb / 4P
Schottky Diode Die 15 mA, 70 Volt
R0 12-February 2016
More results


Similar Description - CPD106R

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD48 CENTRAL-CPD48 Datasheet
203Kb / 2P
Schottky Diode High Current Schottky Diode Chip
CPD48V CENTRAL-CPD48V Datasheet
186Kb / 2P
Schottky Diode High Current Schottky Diode Chip
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
Schottky Diode 1.0A Schottky Diode Chip
CPD92 CENTRAL-CPD92 Datasheet
178Kb / 2P
Schottky Diode High Voltage Schottky Diode Chip
CPD92V CENTRAL-CPD92V Datasheet
157Kb / 2P
Schottky Diode High Voltage Schottky Diode Chip
CPD98V CENTRAL-CPD98V Datasheet
30Kb / 1P
Schottky Diode Silicon High Current Schottky Diode Chip
CPD48V CENTRAL-CPD48V_10 Datasheet
396Kb / 2P
Schottky Diode High Current Schottky Diode Chip
CPD98V CENTRAL-CPD98V_10 Datasheet
407Kb / 2P
Schottky Diode Silicon High Current Schottky Diode Chip
CPD102X CENTRAL-CPD102X Datasheet
717Kb / 2P
Schottky Diode High Voltage Schottky Diode Chip
CPD104R CENTRAL-CPD104R Datasheet
717Kb / 2P
Schottky Diode Low VF Schottky Diode Chip
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com