Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPD31X Datasheet (PDF) - Central Semiconductor Corp

CPD31X Datasheet PDF - Central Semiconductor Corp
Part # CPD31X
Download  CPD31X Download
File Size   1219.52 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description 10A, 60V Schottky Rectifi er Die

CPD31X Datasheet (PDF)

Go To PDF Page Download Datasheet
CPD31X Datasheet PDF - Central Semiconductor Corp

Part # CPD31X
Download  CPD31X Click to download

File Size   1219.52 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description 10A, 60V Schottky Rectifi er Die

CPD31X Datasheet (HTML) - Central Semiconductor Corp




Similar Part No. - CPD31X

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CPD3119 CODACA-CPD3119 Datasheet
792Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD3119-100M CODACA-CPD3119-100M Datasheet
792Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD3119-120M CODACA-CPD3119-120M Datasheet
792Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD3119-150M CODACA-CPD3119-150M Datasheet
792Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD3119-180M CODACA-CPD3119-180M Datasheet
792Kb / 4P
Inductor for Digital AMP
07/14/2020
More results


Similar Description - CPD31X

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBS822 SANYO-SBS822 Datasheet
253Kb / 3P
20V, 1A Rectifi er
SBT80-06JS SANYO-SBT80-06JS Datasheet
248Kb / 3P
60V, 8A Rectifi er
SBE818 SANYO-SBE818 Datasheet
261Kb / 4P
30V, 2.0A Rectifi er
SBT80-06GS SANYO-SBT80-06GS Datasheet
237Kb / 3P
60V, 8A Rectifi er
SBT80-10GS SANYO-SBT80-10GS Datasheet
238Kb / 3P
100V, 8A Rectifi er
SB10015M SANYO-SB10015M_12 Datasheet
475Kb / 6P
15V, 1.0A Rectifi er
logo
NIC-Components Corp.
NSD NIC-NSD Datasheet
347Kb / 5P
Surface Mount Schottky Barrier Rectifi er Diode
logo
Central Semiconductor C...
PBCBRLDSH1-40_1509 CENTRAL-PBCBRLDSH1-40_1509 Datasheet
1Mb / 2P
1.0A, 40V Schottky Bridge Rectifi er
PB-CMIDSH1_1509 CENTRAL-PB-CMIDSH1_1509 Datasheet
1Mb / 2P
1.0A, 30V Low VF Schottky Rectifi er
logo
Bourns Electronic Solut...
CD214A-B230LLF BOURNS-CD214A-B230LLF Datasheet
248Kb / 5P
Schottky Barrier Rectifi er Chip Diode
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com