Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT3090L Datasheet (PDF) - Central Semiconductor Corp

CMPT3090L Datasheet PDF - Central Semiconductor Corp
Part # CMPT3090L
Download  CMPT3090L Download
File Size   106.34 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT LOW VCE(SAT) NPN POWER TRANSISTOR

CMPT3090L Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPT3090L Datasheet PDF - Central Semiconductor Corp

Part # CMPT3090L
Download  CMPT3090L Click to download

File Size   106.34 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT LOW VCE(SAT) NPN POWER TRANSISTOR

CMPT3090L Datasheet (HTML) - Central Semiconductor Corp


CMPT3090L Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT3090L is a Low VCE(SAT) NPN Silicon Transistor in a space saving Power SOT-23 surface mount package, designed for DC-DC converters for mobile systems and LAN cards, motor control, power management and strobe flash units.

MAXIMUM RATINGS: (TA=25°C) SYMBOL UNITS
Collector-Base Voltage VCBO           45 V
Collector-Emitter Voltage VCEO       15 V
Emitter-Base Voltage VEBO             6.0 V
Continuous Collector Current IC       3.0 A
Peak Collector Current ICM             6.0 A
Power Dissipation PD                   350 mW
Operating and Storage Junction Temperature TJ, Tstg -65 to +150 °C
Thermal Resistance ΘJA              357 °C/W




Similar Part No. - CMPT3090L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT3090L CENTRAL-CMPT3090L_10 Datasheet
463Kb / 2P
SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
More results


Similar Description - CMPT3090L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DNLS350Y DIODES-DNLS350Y Datasheet
190Kb / 4P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DS31208 Rev. 4 - 2
DSS20201L DIODES-DSS20201L Datasheet
126Kb / 5P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DS31605 Rev. 2 - 2
2DD2661 DIODES-2DD2661 Datasheet
93Kb / 4P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DS31635 Rev. 2 - 2
2DD2678 DIODES-2DD2678 Datasheet
93Kb / 4P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DS31637 Rev. 3 - 2
DSS4160V DIODES-DSS4160V Datasheet
120Kb / 5P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DS31671 Rev. 2 - 2
DSS4140U DIODES-DSS4140U Datasheet
118Kb / 5P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DS31689 Rev. 2 - 2
DSS4160U DIODES-DSS4160U_15 Datasheet
173Kb / 5P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Rev 2
2DD2678 DIODES-2DD2678_15 Datasheet
93Kb / 4P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Rev 3
DJT4031N DIODES-DJT4031N_15 Datasheet
114Kb / 5P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Rev 2
DSS4540X DIODES-DSS4540X_15 Datasheet
114Kb / 4P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Rev 2
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com