Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPZ4618 Datasheet (PDF) - Central Semiconductor Corp

CMPZ4618 Datasheet PDF - Central Semiconductor Corp
Part # CMPZ4618
Download  CMPZ4618 Download
File Size   92.22 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description 350mW LOW NOISE ZENER DIODE 5% TOLERANCE

CMPZ4618 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPZ4618 Datasheet PDF - Central Semiconductor Corp

Part # CMPZ4618
Download  CMPZ4618 Click to download

File Size   92.22 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description 350mW LOW NOISE ZENER DIODE 5% TOLERANCE

CMPZ4618 Datasheet (HTML) - Central Semiconductor Corp


CMPZ4618 Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPZ4614 Series types are high quality silicon zener diodes designed for low leakage, low current and low noise applications.




Similar Part No. - CMPZ4618

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ4618 CENTRAL-CMPZ4618 Datasheet
395Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMPZ4618 CENTRAL-CMPZ4618 Datasheet
395Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
More results


Similar Description - CMPZ4618

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84C3V3 CENTRAL-BZX84C3V3 Datasheet
92Kb / 2P
350mW ZENER DIODE 3.3 VOLTS THRU 33 VOLTS 5% TOLERANCE
CLL4614 CENTRAL-CLL4614 Datasheet
106Kb / 2P
500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMHZ4614 CENTRAL-CMHZ4614 Datasheet
55Kb / 2P
500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMOZ2L4 CENTRAL-CMOZ2L4 Datasheet
97Kb / 2P
ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMPZ4099 CENTRAL-CMPZ4099 Datasheet
186Kb / 2P
LOW NOISE ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW,5% TOLERANCE
CMPZ4678 CENTRAL-CMPZ4678 Datasheet
92Kb / 2P
350mW LOW LEVEL ZENER DIODE 5% TOLERANCE
CMPZ4614 CENTRAL-CMPZ4614_10 Datasheet
395Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMPZ4678 CENTRAL-CMPZ4678_10 Datasheet
401Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMPZ5221B CENTRAL-CMPZ5221B_10 Datasheet
401Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 5% TOLERANCE
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com