Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFS-2.5 Datasheet (PDF) - Eldeco Srl

CFS-2.5 Datasheet PDF - Eldeco Srl
Part # CFS-2.5
Download  CFS-2.5 Download
File Size   168.67 Kbytes
Page   1 Pages
Manufacturer  ELDECO [Eldeco Srl]
Direct Link  http://www.euro-block.it
Logo ELDECO - Eldeco Srl
Description Standard : UL - IEC 150V - 250V 4A - 5A

CFS-2.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
CFS-2.5 Datasheet PDF - Eldeco Srl

Part # CFS-2.5
Download  CFS-2.5 Click to download

File Size   168.67 Kbytes
Page   1 Pages
Manufacturer  ELDECO [Eldeco Srl]
Direct Link  http://www.euro-block.it
Logo ELDECO - Eldeco Srl
Description Standard : UL - IEC 150V - 250V 4A - 5A

CFS-2.5 Datasheet (HTML) - Eldeco Srl




Similar Part No. - CFS-2.5

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CFS-206 CITIZEN-CFS-206 Datasheet
56Kb / 1P
TUNING FORK CRYSTAL UNITS (Cylinder Type)
CFS-206 CITIZEN-CFS-206 Datasheet
139Kb / 2P
Because of their excellent shock resistance
CFS-206 CITIZEN-CFS-206 Datasheet
389Kb / 2P
TUNING FORK CRYSTAL UNIT (Cylinder Type)
Rev.1
CFS-206 32.768DZBB CITIZEN-CFS-206 32.768DZBB Datasheet
389Kb / 2P
TUNING FORK CRYSTAL UNIT (Cylinder Type)
Rev.1
CFS-206 32.768DZFB CITIZEN-CFS-206 32.768DZFB Datasheet
389Kb / 2P
TUNING FORK CRYSTAL UNIT (Cylinder Type)
Rev.1
More results


Similar Description - CFS-2.5

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
BLT52-V ELDECO-BLT52-V Datasheet
504Kb / 1P
Standard : UL - IEC 300V - 250V 16A - 17.5A
CCM-5-H ELDECO-CCM-5-H Datasheet
296Kb / 1P
Standard : UL - IEC 250V - 320V 10A - 20A
CFF-5.08 ELDECO-CFF-5.08 Datasheet
315Kb / 1P
Standard : UL - IEC 250V - 320V 12A -20A
CMD-3.81-HF ELDECO-CMD-3.81-HF Datasheet
310Kb / 1P
Standard : UL - IEC 300V - 250V 8A - 7A
CMD-3.81-V ELDECO-CMD-3.81-V Datasheet
299Kb / 1P
Standard : UL - IEC 300V - 250V 8A - 7A
MRM2-H ELDECO-MRM2-H Datasheet
513Kb / 1P
Standard : UL - IEC 150V -130V 2A - 6A
MRM2-V ELDECO-MRM2-V Datasheet
509Kb / 1P
Standard : UL - IEC 150V - 130V 2A - 6A
MRM3-P ELDECO-MRM3-P Datasheet
496Kb / 1P
Standard : UL - IEC 300V - 250V 5A - 10A
CCM-2.50-CV ELDECO-CCM-2.50-CV Datasheet
157Kb / 1P
Standard : UL - IEC 150V - 250V 4A - 5A
CCM-2.50-CH ELDECO-CCM-2.50-CH Datasheet
170Kb / 1P
Standard : UL - IEC 150V - 250V 4A - 5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com