Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3011ZD Datasheet (PDF) - Sanken electric

SI-3011ZD Datasheet PDF - Sanken electric
Part # SI-3011ZD
Download  SI-3011ZD Download
File Size   62.65 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Surface-Mount, Low Dropout Voltage

SI-3011ZD Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-3011ZD Datasheet PDF - Sanken electric

Part # SI-3011ZD
Download  SI-3011ZD Click to download

File Size   62.65 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Surface-Mount, Low Dropout Voltage

SI-3011ZD Datasheet (HTML) - Sanken electric


SI-3011ZD Product details

■ Features
• Compact surface-mount package (TO263-5)
• Output current: 3.0A
• Low dropout voltage: VDIF ≤ 0.6V (at IO = 3.0A)
• Low circuit current at output OFF: Iq (OFF) ≤ 1µA
• Built-in overcurrent and thermal protection circuits

■ Applications
• Secondary stabilized power supply (local power supply)




Similar Part No. - SI-3011ZD

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3011ZD ALLEGRO-SI-3011ZD Datasheet
60Kb / 2P
Surface-Mount, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3011ZD SANKEN-SI-3011ZD Datasheet
60Kb / 2P
Surface-Mount Low Dropout Voltage Linear Regulator ICs
More results


Similar Description - SI-3011ZD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000ZD SANKEN-SI-3000ZD_11 Datasheet
87Kb / 2P
Surface-Mount, Low Dropout Voltage
SI-3010KD SANKEN-SI-3010KD Datasheet
67Kb / 3P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012LU SANKEN-SI-3012LU Datasheet
52Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3025KS SANKEN-SI-3025KS Datasheet
56Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KS SANKEN-SI-3033KS Datasheet
56Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033LSA SANKEN-SI-3033LSA Datasheet
53Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033ZD SANKEN-SI-3033ZD Datasheet
62Kb / 2P
Surface-Mount, Low Dropout Voltage
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com