Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP22A Datasheet (PDF) - Socay Electornics Co., Ltd.

3KP22A Datasheet PDF - Socay Electornics Co., Ltd.
Part # 3KP22A
Download  3KP22A Download
File Size   485.22 Kbytes
Page   6 Pages
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
Description Axial Lead Transient Voltage Suppressors (TVS)

3KP22A Datasheet (PDF)

Go To PDF Page Download Datasheet
3KP22A Datasheet PDF - Socay Electornics Co., Ltd.

Part # 3KP22A
Download  3KP22A Click to download

File Size   485.22 Kbytes
Page   6 Pages
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
Description Axial Lead Transient Voltage Suppressors (TVS)

3KP22A Datasheet (HTML) - Socay Electornics Co., Ltd.


3KP22A Product details

Description
The 3KP series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events.

Features
◆ Glass passivated chip junction in P600 Package
◆ Low leakage
◆ Uni and Bidirectional unit
◆ Excellent clamping capability
◆ 3000W Peak power capability at 10 × 1000µs waveform Repetition
   rate (duty cycle):0.01%
◆ Fast response time: typically less than 1.0ps from 0 Volts to VBR min
◆ Typical IR less than 5μA above 12V.
◆ High Temperature soldering: 260°C/40 seconds at terminals
◆ Typical maximum temperature coefficient ΔVBR = 0.1% ×
   VBR@25°C× ΔT
◆ Plastic package has Underwriters Laboratory Flammability 94V-0
◆ Matte tin lead–free Plated
◆ Halogen free and RoHS compliant
◆ Typical failure mode is short from over-specified voltage or current
◆ Whisker test is conducted based on JEDEC JESD201A per its table
   4a and 4c
◆ IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
◆ ESD protection of data lines in accordance with IEC 61000-4-2
   (IEC801-2)
◆ EFT protection of data lines in accordance with IEC 61000-4-4
   (IEC801-4)
  
Applications
   TVS devices are ideal for the protection of I/O interfaces, VCC bus and other
   vulnerable circuits used in Telecom, Computer, Industrial and Consumer
   electronic applications.




Similar Part No. - 3KP22A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP22A PANJIT-3KP22A Datasheet
173Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Surge Components
3KP22A SURGE-3KP22A Datasheet
206Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Won-Top Electronics
3KP22A WTE-3KP22A Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
3KP22A FORMOSA-3KP22A Datasheet
69Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
DB Lectro Inc
3KP22A DBLECTRO-3KP22A Datasheet
149Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
More results


Similar Description - 3KP22A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
15KPA17A SOCAY-15KPA17A Datasheet
452Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
5KP5.0 SOCAY-5KP5.0 Datasheet
515Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
SA5.0 SOCAY-SA5.0 Datasheet
475Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
P6KE6.8 SOCAY-P6KE6.8 Datasheet
504Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
15KPA SOCAY-15KPA Datasheet
1Mb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
November 8, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com