Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMSZ5221B Datasheet (PDF) - Central Semiconductor Corp

CMSZ5221B Datasheet PDF - Central Semiconductor Corp
Part # CMSZ5221B
Download  CMSZ5221B Download
File Size   164.63 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description 250 mW ZENER DIODE 5% TOLERANCE

CMSZ5221B Datasheet (PDF)

Go To PDF Page Download Datasheet
CMSZ5221B Datasheet PDF - Central Semiconductor Corp

Part # CMSZ5221B
Download  CMSZ5221B Click to download

File Size   164.63 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description 250 mW ZENER DIODE 5% TOLERANCE

CMSZ5221B Datasheet (HTML) - Central Semiconductor Corp


CMSZ5221B Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMSZ5221B series silicon Zener diode is a high quality voltage regulator for use in industrial, commercial, entertainment and computer applications.

MARKING CODE: SEE MARKING CODES ON ELECTRICAL CHARACTERISTICS TABLE




Similar Part No. - CMSZ5221B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSZ5221B CENTRAL-CMSZ5221B Datasheet
479Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
CMSZ5221B CENTRAL-CMSZ5221B Datasheet
490Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE
More results


Similar Description - CMSZ5221B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4729A CENTRAL-CLL4729A Datasheet
51Kb / 2P
1.0W ZENER DIODE 5% TOLERANCE
CMPZ5221B CENTRAL-CMPZ5221B Datasheet
100Kb / 2P
350 mW ZENER DIODE 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
500mW,5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
500mW,5% Tolerance Zener Diode
BZT52C2V4-G TSC-BZT52C2V4-G Datasheet
99Kb / 4P
5% Zener Voltage Tolerance Zener Diode
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
5% Tolerance SMD Zener Diode
BZX79C2V0 TSC-BZX79C2V0_14 Datasheet
239Kb / 5P
5% Tolerance Zener Diode
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
5% Tolerance Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
5% Tolerance SMD Zener Diode
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com