Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR8035 Datasheet (PDF) - Digitron Semiconductors

MBR8035 Datasheet PDF - Digitron Semiconductors
Part # MBR8035
Download  MBR8035 Download
File Size   827.25 Kbytes
Page   3 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description 80A SCHOTTKY RECTIFIER

MBR8035 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR8035 Datasheet PDF - Digitron Semiconductors

Part # MBR8035
Download  MBR8035 Click to download

File Size   827.25 Kbytes
Page   3 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description 80A SCHOTTKY RECTIFIER

MBR8035 Datasheet (HTML) - Digitron Semiconductors




Similar Part No. - MBR8035

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR8035 TEL-MBR8035 Datasheet
122Kb / 2P
SCHOTTKY DIODES STUD TYPE 80 A
logo
Naina Semiconductor ltd...
MBR8035 NAINA-MBR8035 Datasheet
124Kb / 2P
Schottky Power Diode, 80A
logo
America Semiconductor, ...
MBR8035 AMERICASEMI-MBR8035 Datasheet
569Kb / 2P
HIGH POWER-SCHOTTKY RECTIFIER
logo
GeneSiC Semiconductor, ...
MBR8035 GENESIC-MBR8035 Datasheet
654Kb / 3P
Silicon Power Schottky Diode
logo
TRANSYS Electronics Lim...
MBR8035R TEL-MBR8035R Datasheet
122Kb / 2P
SCHOTTKY DIODES STUD TYPE 80 A
More results


Similar Description - MBR8035

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR8045CTP SSDI-SSR8045CTP Datasheet
104Kb / 2P
80A 45 V SCHOTTKY CENTERTAP RECTIFIER
logo
Microsemi Corporation
SPB8080 MICROSEMI-SPB8080 Datasheet
142Kb / 2P
4 X 80A SCHOTTKY BARRIER RECTIFIER
logo
TRANSYS Electronics Lim...
FST8220L TEL-FST8220L Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 80A
FST8220SL TEL-FST8220SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 80A
FST8320M TEL-FST8320M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 80A
logo
Microsemi Corporation
SPB8035 MICROSEMI-SPB8035 Datasheet
120Kb / 2P
4 X 80A Schottky Barrier Rectifier
SPB8080 MICROSEMI-SPB8080_10 Datasheet
120Kb / 2P
4 X 80A Schottky Barrier Rectifier
logo
Naina Semiconductor ltd...
MBR8020 NAINA-MBR8020 Datasheet
124Kb / 2P
Schottky Power Diode, 80A
MBR8045 NAINA-MBR8045 Datasheet
123Kb / 2P
Schottky Power Diode, 80A
logo
Fairchild Semiconductor
RURG8060_F085 FAIRCHILD-RURG8060_F085 Datasheet
546Kb / 6P
80A, 600V Ultrafast Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com