Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6642Q Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LMH6642Q Datasheet PDF - National Semiconductor (TI)
Part # LMH6642Q
Download  LMH6642Q Download
File Size   1466.35 Kbytes
Page   29 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers

LMH6642Q Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6642Q Datasheet PDF - National Semiconductor (TI)

Part # LMH6642Q
Download  LMH6642Q Click to download

File Size   1466.35 Kbytes
Page   29 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers

LMH6642Q Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LMH6642Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642Q TI1-LMH6642Q Datasheet
1Mb / 33P
Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1 Datasheet
1Mb / 33P
LMH6642Q/LMH6643Q Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1 Datasheet
1Mb / 34P
Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1_15 Datasheet
1Mb / 34P
Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
More results


Similar Description - LMH6642Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6642 NSC-LMH6642 Datasheet
955Kb / 22P
3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642EP NSC-LMH6642EP Datasheet
960Kb / 21P
Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642MFX TI-LMH6642MFX Datasheet
1Mb / 32P
LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642MF NSC-LMH6642MF Datasheet
1Mb / 33P
Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642 NSC-LMH6642_14 Datasheet
1Mb / 33P
LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642 TI1-LMH6642 Datasheet
1Mb / 33P
Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com