Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4053 Datasheet (PDF) - Unisonic Technologies

4053 Datasheet PDF - Unisonic Technologies
Part # 4053
Download  4053 Download
File Size   197.3 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS

4053 Datasheet (PDF)

Go To PDF Page Download Datasheet
4053 Datasheet PDF - Unisonic Technologies

Part # 4053
Download  4053 Click to download

File Size   197.3 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS

4053 Datasheet (HTML) - Unisonic Technologies


4053 Product details

DESCRIPTION
UTC 4053 is triple 2-channel analog multiplexers/demultiplexers for application as digitally–controlled analog switches.
The device has three separate digital control inputs and an inhibit input. It feature low ON impedance and very low OFF leakage current. Control of analog signals up to the complete supply voltage range can be achieved.

FEATURES
* Wide Analog Voltage Range: VDD-VEE = 3V~18V.
    (Note: VEE must be≦ VSS)
* Break-Before-Make Switching Eliminates Channel Overlap.
* Linearized Transfer Characteristics
* Implement an SPDT Switch Effectively.
* Pin to Pin Replacement for CD4053




Similar Part No. - 4053

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4053 UTC-4053 Datasheet
145Kb / 6P
ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
4053 UTC-4053 Datasheet
197Kb / 7P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Heyco.
4053 HEYCO-4053 Datasheet
112Kb / 1P
Lockit™ Loops and Clips
4053 HEYCO-4053 Datasheet
112Kb / 1P
Lockit Loops and Clips
logo
List of Unclassifed Man...
4053-A ETC2-4053-A Datasheet
122Kb / 2P
SINGLE ENDED WATER COOLED TRIODE
More results


Similar Description - 4053

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4053A TI-SN54LV4053A Datasheet
558Kb / 20P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Texas Instruments
SN54LV4053A TI-SN54LV4053A_07 Datasheet
820Kb / 22P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
logo
Unisonic Technologies
4051 UTC-4051_12 Datasheet
260Kb / 6P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4053 UTC-4053_12 Datasheet
197Kb / 7P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4053A TI1-SN54LV4053A_15 Datasheet
1Mb / 27P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
ON Semiconductor
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com