Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1775470-4 Datasheet (PDF) - Tyco Electronics

1775470-4 Datasheet PDF - Tyco Electronics
Part # 1775470-4
Download  1775470-4 Download
File Size   515.05 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description HPI CONN., 2.0MM PITCH, V/T, SMT TYPE

1775470-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
1775470-4 Datasheet PDF - Tyco Electronics

Part # 1775470-4
Download  1775470-4 Click to download

File Size   515.05 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description HPI CONN., 2.0MM PITCH, V/T, SMT TYPE

1775470-4 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 1775470-4

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1775473 PHOENIX-1775473 Datasheet
140Kb / 4P
Adapter plate - HC-B 6-ADP/1 DSUB 15
More results


Similar Description - 1775470-4

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
2531A-04G5T SUYIN-USA-2531A-04G5T Datasheet
29Kb / 1P
USB Conn. R/A SMT Femole Type
020004MR004S500ZU SUYIN-USA-020004MR004S500ZU Datasheet
63Kb / 1P
USB CONN R/A SMT FEMALE TYPE
200135FA012G233ZR SUYIN-USA-200135FA012G233ZR Datasheet
68Kb / 1P
2.0mm Pitch SOCKET DUAL ROW SMT CONN
200138FR044G282ZA SUYIN-USA-200138FR044G282ZA Datasheet
100Kb / 1P
2.0mm Pitch SOCKET R/A HDD CONN
200275MR009G155ZL SUYIN-USA-200275MR009G155ZL Datasheet
44Kb / 1P
2.0mm BATTERY CONN R/A HEADER
logo
Rohm
SML-01 ROHM-SML-01_11 Datasheet
2Mb / 5P
Reflector type (3.0 x 2.0mm, t=1.3mm
logo
Tyco Electronics
1470209 MACOM-1470209 Datasheet
311Kb / 2P
AMPMODU 2.0mm PITCH REC CONN, VERTICAL MOUNT TYPE
logo
VITALCONN ELECTRONICS H...
UC4273XLB02 VITALCONN-UC4273XLB02 Datasheet
222Kb / 1P
USB C TYPE SMT 1.6 CONN
UC4273XLB03 VITALCONN-UC4273XLB03 Datasheet
272Kb / 1P
USB C TYPE SMT 6.5 CONN
UC42731LB05 VITALCONN-UC42731LB05 Datasheet
350Kb / 1P
USB C TYPE SMT IPX4 CONN
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com