Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM80 Datasheet (PDF) - Sanken electric

MPM80 Datasheet PDF - Sanken electric
Part # MPM80
Download  MPM80 Download
File Size   381.21 Kbytes
Page   15 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 2 A Non-Isolated Step-Down DC / DC Converter Modules

MPM80 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM80 Datasheet PDF - Sanken electric

Part # MPM80
Download  MPM80 Click to download

File Size   381.21 Kbytes
Page   15 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 2 A Non-Isolated Step-Down DC / DC Converter Modules

MPM80 Datasheet (HTML) - Sanken electric




Similar Part No. - MPM80

ManufacturerPart #DatasheetDescription
logo
Sanken electric
MPM81 SANKEN-MPM81 Datasheet
381Kb / 15P
2 A Non-Isolated Step-Down DC / DC Converter Modules
MPM82 SANKEN-MPM82 Datasheet
381Kb / 15P
2 A Non-Isolated Step-Down DC / DC Converter Modules
logo
Infinite Electronics In...
MPM8OM4-FLCR L-COM-MPM8OM4-FLCR Datasheet
97Kb / 1P
REV A DRAWING
03/26/2019
MPM8OM4-FLCR-05 L-COM-MPM8OM4-FLCR-05 Datasheet
97Kb / 1P
REV A DRAWING
03/26/2019
MPM8OM4-FLCR-1 L-COM-MPM8OM4-FLCR-1 Datasheet
97Kb / 1P
REV A DRAWING
03/26/2019
More results


Similar Description - MPM80

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5220A ROHM-BP5220A_10 Datasheet
555Kb / 9P
Step-down DC/DC Converters(Non-isolated)
BP5223 ROHM-BP5223_10 Datasheet
120Kb / 1P
Step-down DC/DC Converter(Non-isolated)
BP5224-33 ROHM-BP5224-33_10 Datasheet
115Kb / 1P
Step-down DC/DC Converter(Non-isolated)
BP5225 ROHM-BP5225_10 Datasheet
105Kb / 1P
Step-down DC/DC Converter (Non-isolated)
BP5226-18 ROHM-BP5226-18_10 Datasheet
108Kb / 1P
Step-down DC/DC Converter(Non-isolated)
BP5275-18 ROHM-BP5275-18 Datasheet
621Kb / 9P
Non-Isolated Step-Down 3-Terminal DC/DC Converters
logo
Sanken electric
BR300 SANKEN-BR300 Datasheet
347Kb / 10P
5 V, 1 A Non-Isolated Step Down DC/DC Converter Module
BR301 SANKEN-BR301 Datasheet
346Kb / 10P
3.3 V, 1 A Non-Isolated Step Down DC/DC Converter Module
MPM81 SANKEN-MPM81 Datasheet
381Kb / 15P
2 A Non-Isolated Step-Down DC / DC Converter Modules
MPM82 SANKEN-MPM82 Datasheet
381Kb / 15P
2 A Non-Isolated Step-Down DC / DC Converter Modules
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com