Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC114TE Datasheet (PDF) - NXP Semiconductors

PDTC114TE Datasheet PDF - NXP Semiconductors
Part # PDTC114TE
Download  PDTC114TE Download
File Size   88.74 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN resistor-equipped transistors; R1 = 10 kW, R2 = open

PDTC114TE Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTC114TE Datasheet PDF - NXP Semiconductors

Part # PDTC114TE
Download  PDTC114TE Click to download

File Size   88.74 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN resistor-equipped transistors; R1 = 10 kW, R2 = open

PDTC114TE Datasheet (HTML) - NXP Semiconductors




Similar Part No. - PDTC114TE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114TE PHILIPS-PDTC114TE Datasheet
58Kb / 8P
NPN resistor-equipped transistor
1998 Aug 03
PDTC114TE PHILIPS-PDTC114TE Datasheet
91Kb / 14P
PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
2004 Aug 02
logo
Nexperia B.V. All right...
PDTC114TE NEXPERIA-PDTC114TE Datasheet
587Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
PDTC114TE NEXPERIA-PDTC114TE Datasheet
586Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
PDTC114TE NEXPERIA-PDTC114TE Datasheet
202Kb / 12P
PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07 - 20 April 2007
More results


Similar Description - PDTC114TE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PDTA114T NXP-PDTA114T Datasheet
88Kb / 11P
PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07-20 April 2007
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
PDTC115T PHILIPS-PDTC115T Datasheet
78Kb / 10P
NPN resistor-equipped transistors; R1 =100 kW, R2 open
Rev. 04-17 February 2005
PEMD14_PUMD14 PHILIPS-PEMD14_PUMD14_15 Datasheet
77Kb / 11P
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
Rev. 02-2 September 2009
logo
Nexperia B.V. All right...
PDTC114T NEXPERIA-PDTC114T Datasheet
587Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
PDTC114T_SER NEXPERIA-PDTC114T_SER Datasheet
586Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
PDTC115T_SER NEXPERIA-PDTC115T_SER Datasheet
177Kb / 11P
NPN resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 04 - 17 February 2005
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
PDTA114T_SER NEXPERIA-PDTA114T_SER Datasheet
202Kb / 12P
PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07 - 20 April 2007
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com