Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6517 Datasheet (PDF) - Digitron Semiconductors

1N6517 Datasheet PDF - Digitron Semiconductors
Part # 1N6517
Download  1N6517 Download
File Size   143.45 Kbytes
Page   2 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description 0.5A-2.0A RECTIFIERS

1N6517 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6517 Datasheet PDF - Digitron Semiconductors

Part # 1N6517
Download  1N6517 Click to download

File Size   143.45 Kbytes
Page   2 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description 0.5A-2.0A RECTIFIERS

1N6517 Datasheet (HTML) - Digitron Semiconductors


1N6517 Product details

2,000V - 10,000V working reverse voltage
70 ns Recovery Time

Operating Temperature = -65 to +175°C
Storage Temperature = -65 to +200°C




Similar Part No. - 1N6517

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N6517 ETC-1N6517 Datasheet
95Kb / 2P
2,000 V - 10,000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time
logo
Voltage Multipliers Inc...
1N6517 VMI-1N6517 Datasheet
48Kb / 1P
Spice Model
logo
New Jersey Semi-Conduct...
1N6517 NJSEMI-1N6517 Datasheet
236Kb / 1P
70NS RECOVERY, AXIAL LEADED, HERMETIC
logo
Voltage Multipliers Inc...
1N6517 VMI-1N6517 Datasheet
148Kb / 2P
High Voltage Diodes - Axial Lead 0.5A - 2.0A ??70ns ??Hermetic ??JANTX ??JANTXV
logo
Solid States Devices, I...
1N6517 SSDI-1N6517 Datasheet
156Kb / 3P
ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results


Similar Description - 1N6517

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
2W005 LRC-2W005 Datasheet
51Kb / 2P
2.0A WOM BRIDGE RECTIFIERS
KBP201 LRC-KBP201 Datasheet
53Kb / 2P
2.0A BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
2W005M TAITRON-2W005M Datasheet
190Kb / 4P
2.0A Bridge Rectifiers
logo
Frontier Electronics.
GL34A FRONTIER-GL34A Datasheet
120Kb / 2P
0.5A SURFACE MOUNT SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
SR220 LUGUANG-SR220 Datasheet
609Kb / 2P
2.0A Schottky Barrier Rectifiers
SR2200 LUGUANG-SR2200 Datasheet
1Mb / 2P
2.0A Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
MB2S SUNMATE-MB2S Datasheet
1Mb / 2P
0.5A Surface Mount Bridge Rectifiers
logo
YENYO TECHNOLOGY Co., L...
SS22A YENYO-SS22A Datasheet
319Kb / 3P
2.0A Schottky Barrier Rectifiers
logo
BCD Semiconductor Manuf...
AP2822 BCDSEMI-AP2822 Datasheet
621Kb / 19P
0.5A to 2.0A High-side Power Distribution Switches
logo
Shanghai Leiditech Elec...
UMB2S LEIDITECH-UMB2S Datasheet
711Kb / 3P
Single phase 0.5A bridge rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com