Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W06 Datasheet (PDF) - Shanghai Lunsure Electronic Tech

W06 Datasheet PDF - Shanghai Lunsure Electronic Tech
Part # W06
Download  W06 Download
File Size   140.84 Kbytes
Page   2 Pages
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech
Description SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER

W06 Datasheet (PDF)

Go To PDF Page Download Datasheet
W06 Datasheet PDF - Shanghai Lunsure Electronic Tech

Part # W06
Download  W06 Click to download

File Size   140.84 Kbytes
Page   2 Pages
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech
Description SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER

W06 Datasheet (HTML) - Shanghai Lunsure Electronic Tech


W06 Product details

Voltage: 50 TO 1000V CURRENT:1.0A

FEATURES
   Ideal for printed circuit board
   Surge overload rating: 50A peak
   High case dielectric strength




Similar Part No. - W06

ManufacturerPart #DatasheetDescription
logo
Surge Components
W06 SURGE-W06 Datasheet
107Kb / 2P
Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
Semtech Corporation
W06 SEMTECH-W06 Datasheet
127Kb / 2P
1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Shanghai Sunrise Electr...
W06 SSE-W06 Datasheet
14Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
W06 EIC-W06 Datasheet
17Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
W06 GOOD-ARK-W06 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results


Similar Description - W06

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005M CHENYI-W005M Datasheet
144Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com