Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3845B Datasheet (PDF) - Cherry Semiconductor Corporation

CS3845B Datasheet PDF - Cherry Semiconductor Corporation
Part # CS3845B
Download  CS3845B Download
File Size   149.84 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Current Mode PWM Control Circuit with 50% Max Duty Cycle

CS3845B Datasheet (PDF)

Go To PDF Page Download Datasheet
CS3845B Datasheet PDF - Cherry Semiconductor Corporation

Part # CS3845B
Download  CS3845B Click to download

File Size   149.84 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Current Mode PWM Control Circuit with 50% Max Duty Cycle

CS3845B Datasheet (HTML) - Cherry Semiconductor Corporation


CS3845B Product details

Description
The CS3845B provides all the necessary features to implement off-line fixed frequency current-mode control with a minimum number of external components.

Features
■ Optimized for Off-line Use
■ Temperature Compensated Oscillator
■ 50% Maximum Duty-cycle Clamp
■ Low Start-up Current (500µA max)
■ Pulse-by-pulse Current Limiting
■ Undervoltage Active Pull Down
■ Double Pulse Suppression
■ 1% Trimmed Bandgap Reference
■ High Current Totem Pole Output




Similar Part No. - CS3845B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
Current Mode PWM Control Circuit
December, 2001 - Rev. 7
CS3845BGD14 ONSEMI-CS3845BGD14 Datasheet
63Kb / 8P
Current Mode PWM Control Circuit
December, 2001 - Rev. 7
CS3845BGD8 ONSEMI-CS3845BGD8 Datasheet
63Kb / 8P
Current Mode PWM Control Circuit
December, 2001 - Rev. 7
CS3845BGDR14 ONSEMI-CS3845BGDR14 Datasheet
63Kb / 8P
Current Mode PWM Control Circuit
December, 2001 - Rev. 7
CS3845BGDR8 ONSEMI-CS3845BGDR8 Datasheet
63Kb / 8P
Current Mode PWM Control Circuit
December, 2001 - Rev. 7
More results


Similar Description - CS3845B

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS2844 CHERRY-CS2844 Datasheet
156Kb / 6P
Current Mode PWM Control Circuit with 50% Max Duty Cycle
Rev. 3/17/99
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
CS52845 CHERRY-CS52845 Datasheet
142Kb / 6P
Current Mode PWM Control Circuit with 50% Max Duty Cycle
Rev. 3/4/99
logo
Texas Instruments
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
logo
ATMEL Corporation
U6084B ATMEL-U6084B Datasheet
183Kb / 10P
PWM Power Control with Automatic Duty-cycle Reduction
logo
TEMIC Semiconductors
U6084B TEMIC-U6084B Datasheet
141Kb / 8P
PWM Power Control with Automatic Duty Cycle Reduction
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
logo
ATMEL Corporation
U6084B ATMEL-U6084B_05 Datasheet
233Kb / 11P
PWM Power Control with Automatic Duty-cycle Reduction
logo
Texas Instruments
UCC28220 TI-UCC28220_07 Datasheet
616Kb / 30P
INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220_15 Datasheet
897Kb / 32P
INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com