Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP9011ABT Datasheet (PDF) - Intersil Corporation

HIP9011ABT Datasheet PDF - Intersil Corporation
Part # HIP9011ABT
Download  HIP9011ABT Download
File Size   251.65 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Engine Knock Signal Processor

HIP9011ABT Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP9011ABT Datasheet PDF - Intersil Corporation

Part # HIP9011ABT
Download  HIP9011ABT Click to download

File Size   251.65 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Engine Knock Signal Processor

HIP9011ABT Datasheet (HTML) - Intersil Corporation


HIP9011ABT Product details

The HIP9011 is used to provide a method of detecting premature detonation often referred to as “Knock or Ping” in internal combustion engines.

The IC is shown in the Simplified Block Diagram. The chip can select between one of two sensors, if needed for accurate monitoring or for “V” type engines. Internal control via the SPI bus is fast enough to switch sensors between each firing cycle. A programmable bandpass filter processes the signal from either of the sensor inputs. The bandpass filter can be selected to optimize the extraction the engine knock or ping signals from the engine background noise. Further single processing is obtained by full wave rectification of the filtered signal and applying it to an integrator whose output voltage level is proportional to the knock signal amplitude. The chip is under microprocessor control via a SPI interface bus.



Features

• Two Sensor Inputs

• Microprocessor Programmable

• Accurate and Stable Filter Elements

• Digitally Programmable Gain

• Digitally Programmable Time Constants

• Digitally Programmable Filter Characteristics

• On-Chip Crystal Oscillator

• Programmable Frequency Divider

• External Clock Frequencies up to 24MHz

   - 4, 5, 6, 8, 10, 12, 16, 20, and 24MHz

• Operating Temperature Range -40oC to 125oC

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• Engine Knock Detector Processor

• Analog Signal Processing Where Controllable Filter Characteristics are Required



 




Similar Part No. - HIP9011ABT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP9011AB INTERSIL-HIP9011AB Datasheet
76Kb / 11P
Engine Knock Signal Processor
1998 11
HIP9011AB INTERSIL-HIP9011AB Datasheet
245Kb / 11P
Engine Knock Signal Processor
January 6, 2006
HIP9011AB INTERSIL-HIP9011AB Datasheet
251Kb / 11P
Engine Knock Signal Processor
January 6, 2006
logo
Renesas Technology Corp
HIP9011AB RENESAS-HIP9011AB Datasheet
537Kb / 11P
Engine Knock Signal Processor
logo
Intersil Corporation
HIP9011ABZ INTERSIL-HIP9011ABZ Datasheet
245Kb / 11P
Engine Knock Signal Processor
January 6, 2006
More results


Similar Description - HIP9011ABT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP9010 INTERSIL-HIP9010 Datasheet
81Kb / 12P
Engine Knock Signal Processor
1998 11
HIP9011 INTERSIL-HIP9011 Datasheet
76Kb / 11P
Engine Knock Signal Processor
1998 11
logo
Texas Instruments
TMS320C6412 TI-TMS320C6412 Datasheet
1Mb / 159P
Signal Processor
TLV5591 TI-TLV5591 Datasheet
54Kb / 4P
SEMICONDUCTOR SIGNAL PROCESSOR
logo
Intersil Corporation
HIP9011 INTERSIL-HIP9011_06 Datasheet
245Kb / 11P
Engine Knock Signal Processor
January 6, 2006
logo
BOSER Technology Co., L...
HS-2606 BOSER-HS-2606_2 Datasheet
5Mb / 78P
ULV Intel짰 Celeron짰 processor Embedded Engine Board
HS-2607 BOSER-HS-2607_1 Datasheet
5Mb / 72P
Eden processor Embedded Engine Board
HS-2608 BOSER-HS-2608_2 Datasheet
3Mb / 84P
ULV Intel짰 Celeron짰 Processor Embedded Engine Board
logo
Intersil Corporation
HIP9011ABZT INTERSIL-HIP9011ABZT Datasheet
251Kb / 11P
Engine Knock Signal Processor
January 6, 2006
logo
Renesas Technology Corp
HIP9011 RENESAS-HIP9011 Datasheet
537Kb / 11P
Engine Knock Signal Processor
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com