Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED807PF Datasheet (PDF) - STMicroelectronics

HVLED807PF Datasheet PDF - STMicroelectronics
Part # HVLED807PF
Download  HVLED807PF Download
File Size   1790.3 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Offline LED driver with primary-sensing and high power factor up to 7 W

HVLED807PF Datasheet (PDF)

Go To PDF Page Download Datasheet
HVLED807PF Datasheet PDF - STMicroelectronics

Part # HVLED807PF
Download  HVLED807PF Click to download

File Size   1790.3 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Offline LED driver with primary-sensing and high power factor up to 7 W

HVLED807PF Datasheet (HTML) - STMicroelectronics


HVLED807PF Product details

Description
The HVLED807PF is a high-voltage primary switcher intended for operating directly from the rectified mains with minimum external parts and enabling high power factor (> 0.90) to provide an efficient, compact and cost effective solution for LED driving. It combines a high-performance lowvoltage PWM controller chip and an 800 V, avalanche-rugged Power MOSFET, in the same

Features
■ High power factor capability (> 0.9)
■ 800 V, avalanche rugged internal 11 Ω power MOSFET
■ Internal high-voltage startup
■ Primary sensing regulation (PSR)
■ +/- 5% accuracy on constant LED output current
■ Quasi-resonant (QR) operation
■ Optocoupler not needed
■ Open or short LED string management
■ Automatic self supply

Applications
■ AC-DC LED driver bulb replacement lamps up to 7 W, with high power factor
■ AC-DC LED drivers up to 7 W




Similar Part No. - HVLED807PF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HVLED805 STMICROELECTRONICS-HVLED805 Datasheet
456Kb / 29P
Off-line LED driver with primary-sensing
14-Oct-2010
HVLED805TR STMICROELECTRONICS-HVLED805TR Datasheet
456Kb / 29P
Off-line LED driver with primary-sensing
14-Oct-2010
More results


Similar Description - HVLED807PF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30001 ONSEMI-NCL30001 Datasheet
280Kb / 31P
High-Efficiency Single Stage Power Factor Correction and Step-Down Offline LED Driver
March, 2010 ??Rev. 0
logo
STMicroelectronics
HVLED805 STMICROELECTRONICS-HVLED805 Datasheet
456Kb / 29P
Off-line LED driver with primary-sensing
14-Oct-2010
HVLED815PFTR STMICROELECTRONICS-HVLED815PFTR Datasheet
1Mb / 36P
Offline LED driver with primary-sensing and high power factor up to 15 W
31-Jan-2013
STEVAL-ILL013V1 STMICROELECTRONICS-STEVAL-ILL013V1 Datasheet
1Mb / 43P
80 W offline LED driver with PFC
10-Aug-2009
UM0670 STMICROELECTRONICS-UM0670 Datasheet
1Mb / 43P
80 W offline LED driver with PFC
10-Aug-2009
logo
Leadtrend Technology
LD7831 LEADTREND-LD7831 Datasheet
569Kb / 17P
High Power Factor Primary Side Flyback LED Controller With HV Start-up
logo
Shenzhen Tianyuan Semic...
TP8302D TPOWER-TP8302D Datasheet
592Kb / 6P
High power factor primary feedback LED driver chip with integrated power tube
TP8302 TPOWER-TP8302 Datasheet
604Kb / 6P
High power factor primary feedback LED driver chip with integrated power tube
logo
ON Semiconductor
NCL30488 ONSEMI-NCL30488 Datasheet
259Kb / 22P
Power Factor Corrected LED Driver with Primary Side CC/CV
August, 2020 ??Rev. 0
NCL30488 ONSEMI-NCL30488_V01 Datasheet
339Kb / 24P
Power Factor Corrected LED Driver with Primary Side CC/CV
May, 2021 ??Rev. 2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com