Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ4 Datasheet (PDF) - Nell Semiconductor Co., Ltd

KBJ4 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # KBJ4
Download  KBJ4 Download
File Size   232.11 Kbytes
Page   3 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Glass Passivated Single-Phase Bridge Rectifier, 4A

KBJ4 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBJ4 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # KBJ4
Download  KBJ4 Click to download

File Size   232.11 Kbytes
Page   3 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Glass Passivated Single-Phase Bridge Rectifier, 4A

KBJ4 Datasheet (HTML) - Nell Semiconductor Co., Ltd


KBJ4 Product details

FEATURES
● UL recognition file number E320098
● Typical IR less than 2.0 µA
● Compliant to RoHS
● High surge current capability
● Low thermal resistance
● Isolation voltage up to 2500V

TYPICAL APPLICATIONS
    General purpose use in AC/DC bridge full wave rectification for big power supply, field supply for DC motor, industrial automation applications.




Similar Part No. - KBJ4

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ4 WTE-KBJ4 Datasheet
50Kb / 3P
4.0A BRIDGE RECTIFIER
logo
First Components Intern...
KBJ400 FCI-KBJ400 Datasheet
104Kb / 2P
4.0 Amp Single Phase Silicon Bridge Rectifiers Ideal for printed circuit board
logo
Shanghai Lunsure Electr...
KBJ4005 CHENYI-KBJ4005 Datasheet
247Kb / 2P
4Amp glass passivated bridge rectifiers 50to1000 volts
logo
Kwang Myoung I.S. CO.,L...
KBJ4005 KISEMICONDUCTOR-KBJ4005 Datasheet
1Mb / 2P
4 Amp GLASS PASS IVATED BRIDGE R ECTIFIE RS 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
KBJ4005 YFWDIODE-KBJ4005 Datasheet
198Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Similar Description - KBJ4

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TU400G TAITRON-TU400G Datasheet
194Kb / 4P
4A Glass Passivated Bridge Rectifier
GBL005 TAITRON-GBL005 Datasheet
209Kb / 4P
4A Glass Passivated Bridge Rectifier
TL400G TAITRON-TL400G Datasheet
126Kb / 4P
4A Glass Passivated Bridge Rectifier
logo
Frontier Electronics.
BL4-005G FRONTIER-BL4-005G Datasheet
122Kb / 2P
4A GLASS PASSIVATED BRIDGE RECTIFIER
BL4-005G-LFR FRONTIER-BL4-005G-LFR Datasheet
122Kb / 2P
4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBU4 NELLSEMI-GBU4 Datasheet
160Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 4A
logo
Chip Integration Techno...
D3K4005 CITC-D3K4005 Datasheet
92Kb / 3P
4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Diodes Incorporated
GBL410 DIODES-GBL410 Datasheet
374Kb / 5P
4A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
GBL410_HF DIODES-GBL410_HF Datasheet
431Kb / 5P
4A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Taiwan Semiconductor Co...
GBU401 TSC-GBU401_V01 Datasheet
275Kb / 7P
4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifier
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com