Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N15 Datasheet (PDF) - Unisonic Technologies

10N15 Datasheet PDF - Unisonic Technologies
Part # 10N15
Download  10N15 Download
File Size   281.88 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 10A, 150V, 0.3廓, N-CHANNEL POWER MOSFETS

10N15 Datasheet (PDF)

Go To PDF Page Download Datasheet
10N15 Datasheet PDF - Unisonic Technologies

Part # 10N15
Download  10N15 Click to download

File Size   281.88 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 10A, 150V, 0.3廓, N-CHANNEL POWER MOSFETS

10N15 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 10N15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N15G-TF1-T UTC-10N15G-TF1-T Datasheet
221Kb / 4P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N15G-TN3-T UTC-10N15G-TN3-T Datasheet
221Kb / 4P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
logo
SHENZHEN DOINGTER SEMIC...
10N15L-TA3-T DOINGTER-10N15L-TA3-T Datasheet
1Mb / 7P
N-Channel MOSFET uses advanced trench technology
logo
Unisonic Technologies
10N15L-TF1-T UTC-10N15L-TF1-T Datasheet
221Kb / 4P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N15L-TN3-T UTC-10N15L-TN3-T Datasheet
221Kb / 4P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results


Similar Description - 10N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6757 FAIRCHILD-2N6757 Datasheet
141Kb / 5P
N-Channel Power MOSFETs, 9A, 150V/200V
2N6765 FAIRCHILD-2N6765 Datasheet
142Kb / 5P
N-Channel Power MOSFETs, 30A, 150V/200V
logo
Intersil Corporation
RFP10N15 INTERSIL-RFP10N15 Datasheet
40Kb / 5P
10A, 150V, 0.300 Ohm, N-Channel Power MOSFETs
March 1999
logo
Fairchild Semiconductor
FDPF770N15A FAIRCHILD-FDPF770N15A Datasheet
222Kb / 9P
N-Channel PowerTrench짰 MOSFET 150V, 10A, 77m廓
logo
First Silicon Co., Ltd
FTK04N15 FS-FTK04N15 Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15D FS-FTK30N15D Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15DFN56 FS-FTK30N15DFN56 Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15P FS-FTK30N15P Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK80N15P FS-FTK80N15P Datasheet
929Kb / 5P
150V N-Channel MOSFETs
logo
Shindengen Electric Mfg...
P32FG15SL SHINDENGEN-P32FG15SL Datasheet
1Mb / 7P
Power MOSFETs 150V, 32A, N-channel
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com