Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N990B Datasheet (PDF) - Digitron Semiconductors

1N990B Datasheet PDF - Digitron Semiconductors
Part # 1N990B
Download  1N990B Download
File Size   196.58 Kbytes
Page   3 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description 500mW SILICON ZENER DIODES

1N990B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N990B Datasheet PDF - Digitron Semiconductors

Part # 1N990B
Download  1N990B Click to download

File Size   196.58 Kbytes
Page   3 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description 500mW SILICON ZENER DIODES

1N990B Datasheet (HTML) - Digitron Semiconductors


1N990B Product details

500mW SILICON ZENER DIODES




Similar Part No. - 1N990B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N990B JGD-1N990B Datasheet
185Kb / 2P
0.5W SILICON ZENER DIODES
logo
Microsemi Corporation
1N990B MICROSEMI-1N990B Datasheet
92Kb / 2P
SILICON 500 mW ZENER DIODES
1N990B MICROSEMI-1N990B Datasheet
87Kb / 2P
SILICON 400 mW ZENER DIODES
logo
Leshan Radio Company
1N990B LRC-1N990B Datasheet
33Kb / 1P
1N9 SERIES ZENER DIODES
logo
Microsemi Corporation
1N990B MICROSEMI-1N990B Datasheet
221Kb / 3P
Silicon 500 mW Zener Diodes
More results


Similar Description - 1N990B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
500mW SILICON ZENER DIODES
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
500mW Silicon Zener Diodes
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
500mW Silicon Zener Diodes
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4_11 Datasheet
392Kb / 7P
500mW Silicon Zener Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com