Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N60 Datasheet (PDF) - Nell Semiconductor Co., Ltd

1N60 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # 1N60
Download  1N60 Download
File Size   623.4 Kbytes
Page   8 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

1N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N60 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # 1N60
Download  1N60 Click to download

File Size   623.4 Kbytes
Page   8 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

1N60 Datasheet (HTML) - Nell Semiconductor Co., Ltd


1N60 Product details

DESCRIPTION
They are designed for use in applications such as switched mode power supplies, DC to DC converters, PWM motor controls, bridge circuits and general purpose switching applications.
The Nell 1N60 is a three-terminal silicon device with current conduction capability of 1.2A, fast switching speed, low on-state resistance, breakdown voltage rating of 600V, and max. threshold voltage of 4 volts.

FEATURES
● RDS(ON) = 11.5Ω@VGS = 10V
● Ultra low gate charge(6nC max.)
● Low reverse transfer capacitance (CRSS = 3pF typical)
● Fast switching capability
● 100% avalanche energy specified
● Improved dv/dt capability
● 150°C operation temperature




Similar Part No. - 1N60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N60 ETC-1N60 Datasheet
71Kb / 1P
GOLD BONDED GERMANIUM DIODE
1N60 ETC1-1N60 Datasheet
41Kb / 1P
JEDEC DO-7 PACKAGE
logo
Littelfuse
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
logo
Formosa MS
1N60 FORMOSA-1N60 Datasheet
80Kb / 2P
Schottky Barrier Diode
logo
Unisonic Technologies
1N60 UTC-1N60 Datasheet
143Kb / 8P
1.2 Amps, 600 Volts N-CHANNEL MOSFET
More results


Similar Description - 1N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com