Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N6 Datasheet (PDF) - Nell Semiconductor Co., Ltd

7N6 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # 7N6
Download  7N6 Download
File Size   678.82 Kbytes
Page   8 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

7N6 Datasheet (PDF)

Go To PDF Page Download Datasheet
7N6 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # 7N6
Download  7N6 Click to download

File Size   678.82 Kbytes
Page   8 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

7N6 Datasheet (HTML) - Nell Semiconductor Co., Ltd


7N6 Product details

DESCRIPTION
The Nell 7N60 is a three-terminal silicon device with current conduction capability of 7A, fast switching speed, low on-state resistance, breakdown voltage rating of 600V ,and max. threshold voltage of 4 volts.
They are designed for use in applications. such as switched mode power supplies, DC to DC converters, PWM motor controls, bridge circuits, and general purpose switching applications.

FEATURES
● RDS(ON) = 1.0Ω @ VGS = 10V
● Ultra low gate charge(38nC max.)
● Low reverse transfer capacitance (CRSS = 16pF typical)
● Fast switching capability
● 100% avalanche energy specified
● Improved dv/dt capability
● 150°C operation temperature




Similar Part No. - 7N6

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N6 UTC-7N6 Datasheet
349Kb / 9P
N-CHANNEL ENHANCEMENT MODE MOSFET
7N6 UTC-7N6 Datasheet
205Kb / 6P
N-CHANNEL POWER MOSFET
7N6 UTC-7N6 Datasheet
205Kb / 6P
N-CHANNEL ENHANCEMENT MODE
7N6 UTC-7N6 Datasheet
204Kb / 6P
N-CHANNEL POWER MOSFET
7N6 UTC-7N6 Datasheet
341Kb / 8P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
More results


Similar Description - 7N6

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com