Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF630 Datasheet (PDF) - Nell Semiconductor Co., Ltd

IRF630 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # IRF630
Download  IRF630 Download
File Size   620.22 Kbytes
Page   7 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

IRF630 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF630 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # IRF630
Download  IRF630 Click to download

File Size   620.22 Kbytes
Page   7 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

IRF630 Datasheet (HTML) - Nell Semiconductor Co., Ltd


IRF630 Product details

DESCRIPTION
The Nell IRF630 are N-channel enhancement mode silicon gate power field effect transistors.
They are designed, tested and guaranteed to withstand level of energy in breakdown avalanche made of operation.
They are designed as an extremely efficient and reliable device for use in a wide variety of applications such as switching regulators, convertors, motor drivers and drivers for high power bipolar switching transistors requiring high speed and low gate drive power.
These transistors can be operated directly from integrated circuits.

FEATURES
● RDS(ON) = 0.40Ω @ VGS = 10V
● Ultra low gate charge(43nC max.)
● Low reverse transfer capacitance
   (CRSS = 80pF typical)
● Fast switching capability
● 100% avalanche energy specified
● Improved dv/dt capability
● 150°C operation temperature




Similar Part No. - IRF630

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF630 PHILIPS-IRF630 Datasheet
97Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
STMicroelectronics
IRF630 STMICROELECTRONICS-IRF630 Datasheet
104Kb / 9P
N - CHANNEL 200V - 0.35ihm - 9A - TO-220/FP MESH OVERLAY] MOSFET
Feb-1999
logo
Fairchild Semiconductor
IRF630 FAIRCHILD-IRF630 Datasheet
177Kb / 6P
N-Channel Power MOSFETs, 12A, 150-200 V
logo
Intersil Corporation
IRF630 INTERSIL-IRF630 Datasheet
62Kb / 7P
9A, 200V, 0.400 Ohm, N-Channel Power MOSFETs
June 1999
logo
International Rectifier
IRF630 IRF-IRF630 Datasheet
176Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
More results


Similar Description - IRF630

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com