Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF640 Datasheet (PDF) - Nell Semiconductor Co., Ltd

IRF640 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # IRF640
Download  IRF640 Download
File Size   621.58 Kbytes
Page   7 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

IRF640 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF640 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # IRF640
Download  IRF640 Click to download

File Size   621.58 Kbytes
Page   7 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

IRF640 Datasheet (HTML) - Nell Semiconductor Co., Ltd


IRF640 Product details

DESCRIPTION
The Nell IRF640 are N-channel enhancement mode silicon gate power field effect transistors.
They are designed, tested and guaranteed to withstand level of energy in breakdown avalanche made of operation.

FEATURES
● RDS(ON) = 0.180Ω @ VGS = 10V
● Ultra low gate charge(63nC max.)
● Low reverse transfer capacitance
   (CRSS = 91pF typical)
● Fast switching capability
● 100% avalanche energy specified
● Improved dv/dt capability
● 150°C operation temperature




Similar Part No. - IRF640

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF640 PHILIPS-IRF640 Datasheet
95Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
STMicroelectronics
IRF640 STMICROELECTRONICS-IRF640 Datasheet
107Kb / 9P
N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
Oct-1999
logo
Fairchild Semiconductor
IRF640 FAIRCHILD-IRF640 Datasheet
140Kb / 5P
N-Channel Power MOSFETs, 18A, 150-200V
IRF640 FAIRCHILD-IRF640 Datasheet
132Kb / 7P
18A, 200V, 0.180 Ohm, N-Channel Power MOSFETs
IRF640 FAIRCHILD-IRF640 Datasheet
916Kb / 10P
200V N-Channel MOSFET
More results


Similar Description - IRF640

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com