Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA43 Datasheet (PDF) - Unisonic Technologies

MMBTA43 Datasheet PDF - Unisonic Technologies
Part # MMBTA43
Download  MMBTA43 Download
File Size   100.2 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH VOLTAGE TRANSISTOR

MMBTA43 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTA43 Datasheet PDF - Unisonic Technologies

Part # MMBTA43
Download  MMBTA43 Click to download

File Size   100.2 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH VOLTAGE TRANSISTOR

MMBTA43 Datasheet (HTML) - Unisonic Technologies


MMBTA43 Product details

DESCRIPTION
The UTC MMBTA42/43 are high voltage transistors, designed for telephone switch and high voltage switch.

FEATURES
* Collector-Emitter voltage: VCEO=300V(MMBTA42)
* Collector-Emitter voltage: VCEO=200V(MMBTA43)
* High current gain
* Collector Dissipation: Pc (max) =350mW




Similar Part No. - MMBTA43

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBTA43 ZOWIE-MMBTA43 Datasheet
57Kb / 3P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Samsung semiconductor
MMBTA43 SAMSUNG-MMBTA43 Datasheet
65Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA43 FAIRCHILD-MMBTA43 Datasheet
27Kb / 3P
NPN High Voltage Amplifier
logo
KEC(Korea Electronics)
MMBTA43 KEC-MMBTA43 Datasheet
290Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE, TELEPHONE)
logo
Comchip Technology
MMBTA43 COMCHIP-MMBTA43 Datasheet
79Kb / 3P
High Voltage Transistors
More results


Similar Description - MMBTA43

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
HIGH VOLTAGE TRANSISTOR
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
HIGH VOLTAGE TRANSISTOR
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
High Voltage Transistor
logo
Unisonic Technologies
MMBTA43 UTC-MMBTA43_15 Datasheet
97Kb / 4P
HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBT6520L ONSEMI-MMBT6520L Datasheet
141Kb / 5P
High Voltage Transistor
October, 2016 ??Rev. 7
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com