Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85091 Datasheet (PDF) - List of Unclassifed Manufacturers

85091 Datasheet PDF - List of Unclassifed Manufacturers
Part # 85091
Download  85091 Download
File Size   309.54 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description LTCC High Temperature Inductors 0.15x0.15 inch (3.8x3.8 mm)

85091 Datasheet (PDF)

Go To PDF Page Download Datasheet
85091 Datasheet PDF - List of Unclassifed Manufacturers

Part # 85091
Download  85091 Click to download

File Size   309.54 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description LTCC High Temperature Inductors 0.15x0.15 inch (3.8x3.8 mm)

85091 Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 85091

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
85091024 HUBERSUHNER-85091024 Datasheet
808Kb / 3P
MLEH 6x6, 10mm2, SM, PC to blunt cut, Q-ODC-2 to LC
85091041 HUBERSUHNER-85091041 Datasheet
2Mb / 2P
COAXIAL CONNECTOR, MXPM, 50 Ohm, Straight PCB jack (female)
85091060 HUBERSUHNER-85091060 Datasheet
215Kb / 2P
COAXIAL CONNECTOR, MXPM, 50 Ohm, Straight PCB jack (female)
85091361 HUBERSUHNER-85091361 Datasheet
3Mb / 2P
COAXIAL CONNECTOR, NEX10, 50 Ohm, Straight cable plug (male)
85091413 HUBERSUHNER-85091413 Datasheet
237Kb / 2P
COAXIAL CONNECTOR, NEX10, 50 Ohm, Straight panel cable jack (female), flange mount
More results


Similar Description - 85091

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0307A TAI-SAW-TC0307A Datasheet
284Kb / 5P
SAW Resonator 622.018MHz SMD 3.8X3.8 mm
TC0337A TAI-SAW-TC0337A Datasheet
261Kb / 6P
SAW Resonator 1GHz SMD 3.8X3.8 mm
logo
List of Unclassifed Man...
85008 ETC2-85008 Datasheet
303Kb / 1P
LTCC High Temperature Inductors 0.27x0.27 inch size
85022 ETC2-85022 Datasheet
308Kb / 1P
LTCC High Temperature Inductors 0.30x0.30 inch Size
85042 ETC2-85042 Datasheet
313Kb / 1P
LTCC High Temperature Inductors 0.40x0.40 inch size
85071 ETC2-85071 Datasheet
308Kb / 1P
LTCC High Temperature Inductors 0.2x0.2 inch (5x5 mm)
85081 ETC2-85081 Datasheet
214Kb / 1P
LTCC High Temperature Inductors 0.40x0.40 inch size Higher Current Series
85084 ETC2-85084 Datasheet
214Kb / 1P
LTCC High Temperature Inductors 0.2x0.2 inch (5x5 mm)
85090 ETC2-85090 Datasheet
214Kb / 1P
LTCC High Temperature Inductors 0.27x0.27 inch size Higher Current Series
logo
TAI-SAW TECHNOLOGY CO.,...
TL0019B TAI-SAW-TL0019B Datasheet
199Kb / 5P
5788MHz 125MHzBW SMD2.5x2.0 mm LTCC Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com