Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECX-64AEN Datasheet (PDF) - ECS, Inc.

ECX-64AEN Datasheet PDF - ECS, Inc.
Part # ECX-64AEN
Download  ECX-64AEN Download
File Size   203.31 Kbytes
Page   1 Pages
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.
Description Compact and low profile

ECX-64AEN Datasheet (PDF)

Go To PDF Page Download Datasheet
ECX-64AEN Datasheet PDF - ECS, Inc.

Part # ECX-64AEN
Download  ECX-64AEN Click to download

File Size   203.31 Kbytes
Page   1 Pages
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.
Description Compact and low profile

ECX-64AEN Datasheet (HTML) - ECS, Inc.




Similar Part No. - ECX-64AEN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECX-64A ETC1-ECX-64A Datasheet
134Kb / 1P
SMD QUARTZ CRYSTAL
logo
ECS, Inc.
ECX-64A ECS-ECX-64A Datasheet
144Kb / 1P
SMD QUARTZ CRYSTAL
ECX-64A ECS-ECX-64A Datasheet
575Kb / 2P
The ECX-64A is a miniature SMD Crystal with a 6 x 3.5 mm 2 pad footprint
ECX-64A ECS-ECX-64A_17 Datasheet
575Kb / 2P
The ECX-64A is a miniature SMD Crystal with a 6 x 3.5 mm 2 pad footprint
ECX-64A_ECX-64CR ECS-ECX-64A_ECX-64CR Datasheet
162Kb / 1P
The ECX-64A is a miniature SMD Crystal with a 3.5 x 6 mmfootprint. This cost effective with a height of 1.1 mm which is ideal for densely populated PCB applications.
More results


Similar Description - ECX-64AEN

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ062TA040FB-P984D18 VINCOTECH-10-FZ062TA040FB-P984D18 Datasheet
2Mb / 20P
Compact and low inductance design
30-P2126PA050NB-L287F69Y VINCOTECH-30-P2126PA050NB-L287F69Y Datasheet
926Kb / 16P
Compact and low inductive design
30-P2126PA075NB-L288F69Y VINCOTECH-30-P2126PA075NB-L288F69Y Datasheet
1Mb / 17P
Compact and low inductive design
V23990-P829-F10-PM VINCOTECH-V23990-P829-F10-PM Datasheet
1Mb / 16P
Compact and Low Inductance Design
logo
Abracon Corporation
APAE1575R2540AADBE-T ABRACON-APAE1575R2540AADBE-T Datasheet
2Mb / 3P
Compact Size and Low Profile
11.13.14
APAE1590R2540AKDB1-T ABRACON-APAE1590R2540AKDB1-T Datasheet
2Mb / 3P
Compact Size and Low Profile
08.20.15
ASE3SERIES ABRACON-ASE3SERIES Datasheet
2Mb / 3P
Compact and low in height
03.05.14
logo
Soshin electric Co., Lt...
HMD965U SOSHIN-HMD965U Datasheet
112Kb / 3P
5GHz Compact, Low profile
logo
Murata Manufacturing Co...
DLP11RB150UL2 MURATA1-DLP11RB150UL2_V01 Datasheet
390Kb / 3P
Compact footprint and low profile (L횞W =1.25횞1.0 t = 0.5/-0.1)
Last updated08/01/2022
DLP11RB400UL2 MURATA1-DLP11RB400UL2_V01 Datasheet
390Kb / 3P
Compact footprint and low profile (L횞W =1.25횞1.0 t = 0.5/-0.1)
Last updated08/01/2022
More results




About ECS, Inc.


ECS, Inc. (Electronic Component Solutions) is a global electronic component manufacturer and supplier. The company offers a wide range of products, including crystals, oscillators, resonators, filters, and capacitors, to name a few. ECS, Inc. serves a variety of industries, including telecommunications, automotive, consumer electronics, and industrial applications.

The company was founded in 1980 and is headquartered in Olathe, Kansas, USA. ECS, Inc. has manufacturing facilities and sales offices located throughout the world, including the United States, China, Taiwan, and Singapore. With over 35 years of experience, ECS, Inc. has established itself as a leader in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com