Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3001 Datasheet (PDF) - Cirrus Logic

CS3001 Datasheet PDF - Cirrus Logic
Part # CS3001
Download  CS3001 Download
File Size   287.74 Kbytes
Page   16 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description PRECISION LOW VOLTAGE AMPLIFIER; DC TO 2KHZ

CS3001 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS3001 Datasheet PDF - Cirrus Logic

Part # CS3001
Download  CS3001 Click to download

File Size   287.74 Kbytes
Page   16 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description PRECISION LOW VOLTAGE AMPLIFIER; DC TO 2KHZ

CS3001 Datasheet (HTML) - Cirrus Logic


CS3001 Product details

Description
The CS3001 single amplifier and the CS3002 dual amplifier are designed for precision amplification of lowlevel signals and are ideally suited to applications that require very high closed-loop gains. These amplifiers achieve excellent offset stability, super-high open-loop gain, and low noise over time and temperature. The devices also exhibit excellent CMRR and PSRR. The common mode input range includes the negative supply rail. The amplifiers operate with any total supply voltage from 2.7 V to 6.7 V (±1.35 V to ±3.35 V).

Features & Description
❐ Low Offset: 10 µV Max
❐ Low Drift: 0.05 µV/°C Max
❐ Low Noise
    – 6 nV/√Hz @ 0.5 Hz
    – 0.1 to 10 Hz = 125 nVp-p
    – 1/f corner @ 0.08 Hz
❐ Open-loop Voltage Gain
    – 300 dB Typical
    – 200 dB Minimum
❐ Rail-to-rail Output Swing
❐ Slew Rate: 5 V/µs

Applications
❐ Thermocouple/Thermopile Amplifiers
❐ Load Cell and Bridge Transducer Amplifiers
❐ Precision Instrumentation
❐ Battery-powered Systems




Similar Part No. - CS3001

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3001 CIRRUS-CS3001 Datasheet
284Kb / 16P
Precision Low-voltage Amplifier; DC to 2 kHz
CS3001 CIRRUS-CS3001 Datasheet
330Kb / 16P
Precision Low-voltage Amplifier; DC to 2 kHz
CS3001-IS CIRRUS-CS3001-IS Datasheet
284Kb / 16P
Precision Low-voltage Amplifier; DC to 2 kHz
CS3001-ISZ CIRRUS-CS3001-ISZ Datasheet
284Kb / 16P
Precision Low-voltage Amplifier; DC to 2 kHz
CS3001-ISZ CIRRUS-CS3001-ISZ Datasheet
330Kb / 16P
Precision Low-voltage Amplifier; DC to 2 kHz
More results


Similar Description - CS3001

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3011 CIRRUS-CS3011 Datasheet
131Kb / 4P
Precision Low Voltage Amplifier; DC to 1 kHz
CS3003 CIRRUS-CS3003 Datasheet
466Kb / 8P
Precision Low-voltage Amplifier
CS3001 CIRRUS-CS3001_08 Datasheet
284Kb / 16P
Precision Low-voltage Amplifier; DC to 2 kHz
CS3004 CIRRUS-CS3004_07 Datasheet
399Kb / 8P
Precision Low-voltage Amplifier
CS3011 CIRRUS-CS3011_07 Datasheet
466Kb / 18P
Precision Low-voltage Amplifier; DC to 1 kHz
CS3001 CIRRUS-CS3001_09 Datasheet
330Kb / 16P
Precision Low-voltage Amplifier; DC to 2 kHz
CS3003 CIRRUS-CS3003_09 Datasheet
227Kb / 10P
Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_09 Datasheet
322Kb / 10P
Precision Low-voltage Amplifier
CS3011 CIRRUS-CS3011_09 Datasheet
732Kb / 18P
Precision Low-voltage Amplifier; DC to 1 kHz
CS3003_0910 CIRRUS-CS3003_0910 Datasheet
409Kb / 10P
Precision Low-voltage Amplifier
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com