Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB240DS01 Datasheet (PDF) - SIPAT Co,Ltd

LB240DS01 Datasheet PDF - SIPAT Co,Ltd
Part # LB240DS01
Download  LB240DS01 Download
File Size   152.79 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 240MHz SAW Filter

LB240DS01 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB240DS01 Datasheet PDF - SIPAT Co,Ltd

Part # LB240DS01
Download  LB240DS01 Click to download

File Size   152.79 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 240MHz SAW Filter

LB240DS01 Datasheet (HTML) - SIPAT Co,Ltd




Similar Part No. - LB240DS01

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB240DS01 SIPAT-LB240DS01 Datasheet
147Kb / 3P
240MHz SAW Filter 30MHz Bandwidth
More results


Similar Description - LB240DS01

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB240DS01 SIPAT-LB240DS01 Datasheet
147Kb / 3P
240MHz SAW Filter 30MHz Bandwidth
LBS24001 SIPAT-LBS24001 Datasheet
140Kb / 3P
240MHz SAW Filter 4MHz Bandwidth
LBT24004 SIPAT-LBT24004 Datasheet
140Kb / 3P
240MHz SAW Filter 19MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0341A TAI-SAW-TB0341A Datasheet
481Kb / 6P
SAW IF Filter 240MHz
logo
SIPAT Co,Ltd
LBS24001 SIPAT-LBS24001 Datasheet
146Kb / 3P
240MHz SAW Filter 4MHz Bandwidth
LBT24003 SIPAT-LBT24003 Datasheet
145Kb / 3P
240MHz SAW Filter 14MHz Bandwidth
LBT24004 SIPAT-LBT24004 Datasheet
146Kb / 3P
240MHz SAW Filter 19MHz Bandwidth
logo
Golledge Electronics Lt...
MP03312 GOLLEDGE-MP03312 Datasheet
145Kb / 5P
SAW Filter 240MHz
MA09923 GOLLEDGE-MA09923 Datasheet
95Kb / 5P
SAW Filter 240MHz
MP02165 GOLLEDGE-MP02165 Datasheet
120Kb / 5P
SAW Filter 240MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com