Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4221 Datasheet (PDF) - Cirrus Logic

CS4221 Datasheet PDF - Cirrus Logic
Part # CS4221
Download  CS4221 Download
File Size   770.05 Kbytes
Page   32 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit Stereo Audio Codec with 3V Interface

CS4221 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4221 Datasheet PDF - Cirrus Logic

Part # CS4221
Download  CS4221 Click to download

File Size   770.05 Kbytes
Page   32 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit Stereo Audio Codec with 3V Interface

CS4221 Datasheet (HTML) - Cirrus Logic


CS4221 Product details

Description

The CS4220/1 is a highly integrated, high performance, 24-bit, audio codec providing stereo analog-to-digital and stereo digital-to-analog converters using delta-sigma conversion techniques. The device operates from a single +5 V power supply, and features low power consumption. Selectable de-emphasis filter for 32, 44.1, and 48 kHz sample rates is also included.



Features

100 dB Dynamic Range A/D Converters

100 dB Dynamic Range D/A Converters

105 dB DAC Signal-to-Noise Ratio (EIAJ)

Analog Volume Control (CS4221 only)

Differential Inputs / Outputs

On-chip Anti-aliasing and Output Smoothing Filters

De-emphasis for 32, 44.1 and 48 kHz

Supports Master and Slave Modes

Single +5 V power supply

On-Chip Crystal Oscillator

3 - 5 V Digital Interface



 




Similar Part No. - CS4221

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
20-Bit Stereo Audio Codec with Volume Control
CS4222-BS CIRRUS-CS4222-BS Datasheet
616Kb / 29P
20-Bit Stereo Audio Codec with Volume Control
CS4222-DS CIRRUS-CS4222-DS Datasheet
616Kb / 29P
20-Bit Stereo Audio Codec with Volume Control
CS4222-KS CIRRUS-CS4222-KS Datasheet
580Kb / 26P
20-Bit Stereo Audio Codec with Volume Control
CS4222-KS CIRRUS-CS4222-KS Datasheet
616Kb / 29P
20-Bit Stereo Audio Codec with Volume Control
More results


Similar Description - CS4221

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1355H PHILIPS-UDA1355H Datasheet
315Kb / 76P
Stereo audio codec with SPDIF interface
2003 Apr 10
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
Stereo audio interface with CODEC
logo
Asahi Kasei Microsystem...
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
24-Bit 192kHz Stereo Audio CODEC
logo
List of Unclassifed Man...
WAU8822YG ETC2-WAU8822YG Datasheet
942Kb / 2P
24-bit Stereo Audio Codec with Speaker Driver
logo
Nuvoton Technology Corp...
NAU8822 NUVOTON-NAU8822 Datasheet
2Mb / 91P
24-bit Stereo Audio Codec with Speaker Driver
NAU8822A NUVOTON-NAU8822A Datasheet
3Mb / 91P
24-bit Stereo Audio Codec with Speaker Driver
NAU8822L NUVOTON-NAU8822L Datasheet
3Mb / 97P
24-bit Stereo Audio Codec with Speaker Driver
NAU88C22 NUVOTON-NAU88C22 Datasheet
3Mb / 101P
24-bit Stereo Audio Codec with Speaker Driver
WAU8822 NUVOTON-WAU8822 Datasheet
942Kb / 21P
24-bit Stereo Audio Codec with Speaker Driver
NAU88U22A NUVOTON-NAU88U22A Datasheet
2Mb / 96P
24-bit Stereo Audio Codec with Speaker Driver
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com