Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4228 Datasheet (PDF) - Cirrus Logic

CS4228 Datasheet PDF - Cirrus Logic
Part # CS4228
Download  CS4228 Download
File Size   487.9 Kbytes
Page   30 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, 96 kHz Surround Sound Codec?

CS4228 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4228 Datasheet PDF - Cirrus Logic

Part # CS4228
Download  CS4228 Click to download

File Size   487.9 Kbytes
Page   30 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, 96 kHz Surround Sound Codec?

CS4228 Datasheet (HTML) - Cirrus Logic


CS4228 Product details

Description
The CS4228 codec provides two analog-to-digital and six digital-to-analog delta-sigma converters, along with volume controls, in a compact +5/+3.3 V, 28-pin SSOP device. Combined with an IEC958 (SPDIF) receiver (like the CS8414) and surround sound decoder (such as one of the CS492x or CS493xx families), it is ideal for use in DVD player, A/V receiver and car audio systems supporting multiple standards such as Dolby Digital AC-3, AAC, DTS, Dolby ProLogic, THX, and MPEG.
A flexible serial audio interface allows operation in Left Justified, Right Justified, I2S, or One Line Data modes.

Features
● Two 24-bit A/D Converters
    - 102 dB dynamic range
    - 90 dB THD+N
● Six 24-bit D/A Converters
    - 103 dB dynamic range and SNR
    - 90 dB THD+N
● Sample rates up to 100 kHz
● Pop-free Digital Output Volume Controls
    - 90.5 dB range, 0.5 dB resolution (182 levels)
    - Variable smooth ramp rate, 0.125 dB steps
● Mute Control pin for off-chip muting circuits
● On-chip Anti-alias and Output Filters
● De-emphasis filters for 32, 44.1 and 48 kHz




Similar Part No. - CS4228

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
24-Bit, 96 kHz Surround Sound Codec?
CS4228A CIRRUS-CS4228A Datasheet
672Kb / 32P
24-Bit, 96 kHz Surround Sound Codec
CS4228A-KS CIRRUS-CS4228A-KS Datasheet
518Kb / 32P
24-Bit, 96 kHz Surround Sound Codec?
CS4228A-KS CIRRUS-CS4228A-KS Datasheet
672Kb / 32P
24-Bit, 96 kHz Surround Sound Codec
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
24-Bit, 96 kHz Surround Sound Codec
More results


Similar Description - CS4228

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4226 CIRRUS-CS4226 Datasheet
1Mb / 60P
Surround Sound Codec
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
24-Bit, 96 kHz Surround Sound Codec?
logo
Analog Devices
AD1838 AD-AD1838 Datasheet
424Kb / 24P
2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV.0
logo
Cirrus Logic
CS4226 CIRRUS-CS4226_04 Datasheet
643Kb / 37P
Surround Sound Codec
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
24-Bit, 96 kHz Surround Sound Codec
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
24-Bit 96 kHz Stereo Audio Codec
logo
Analog Devices
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1837A AD-AD1837A_15 Datasheet
407Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com