Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM7006D Datasheet (PDF) - Microsemi Corporation

UM7006D Datasheet PDF - Microsemi Corporation
Part # UM7006D
Download  UM7006D Download
File Size   322.58 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RoHS Compliant Versions Available

UM7006D Datasheet (PDF)

Go To PDF Page Download Datasheet
UM7006D Datasheet PDF - Microsemi Corporation

Part # UM7006D
Download  UM7006D Click to download

File Size   322.58 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RoHS Compliant Versions Available

UM7006D Datasheet (HTML) - Microsemi Corporation


UM7006D Product details

DESCRIPTION
The UM7000 and UM7100 series offer moderately high power handling in combination with reasonably low levels of both series resistance and capacitance. The UM7200 series offers the lowest series resistance, but the highest capacitance of the group. The differences in specified performance for each of the series, results from different I-region thickness. The three series have broad applicability in many RF and microwave switch and attenuator circuits. Additionally, the UM7100 in leaded versions is usually the most cost-effective diode choice in high volume usage.

KEY FEATURES
▪ Voltage ratings to 1000V (UM7000)
▪ Average power dissipation to 10 W
▪ Series resistance as low as 0.25 Ω
▪ Carrier lifetime greater than 2.5 µs
▪ Low capacitance
▪ Low conductance (High RP)
▪ Compatible with automated assembly
▪ RoHS compliant packaging Available1 (Use UMX7202B, etc.)

APPLICATIONS/BENEFITS
▪ Isolated stud package available
▪ Surface mount package available
▪ Soldering temperature: 260 °C for 10 seconds maximum




Similar Part No. - UM7006D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UM7006D MICROCHIP-UM7006D Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
More results


Similar Description - UM7006D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2C102HA PANASONIC-EET-HC2C102HA Datasheet
90Kb / 8P
Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
logo
Bourns Electronic Solut...
4114R-1-101 BOURNS-4114R-1-101 Datasheet
223Kb / 2P
RoHS compliant* versions available (see How to Order ?쏷ermination??option)
4116R-1-470 BOURNS-4116R-1-470 Datasheet
223Kb / 2P
RoHS compliant* versions available (see How to Order ?쏷ermination??option)
logo
Vicor Corporation
VE-JT4-IW VICOR-VE-JT4-IW Datasheet
189Kb / 5P
RoHS compliant (VE versions)
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
RoHS Compliant Available
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
RoHS Compliant Available
logo
Micross Components
AS5C512K8 MICROSS-AS5C512K8 Datasheet
719Kb / 19P
RoHS Compliant Options Available
AS5LC1008 MICROSS-AS5LC1008 Datasheet
817Kb / 11P
RoHS compliant options available
logo
TE Connectivity Ltd
EV200P TEC-EV200P Datasheet
227Kb / 2P
RoHS versions available
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com