Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB11 Datasheet (PDF) - Rohm

EMB11 Datasheet PDF - Rohm
Part # EMB11
Download  EMB11 Download
File Size   486.32 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -100mA -50V Complex Digital Transistors

EMB11 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMB11 Datasheet PDF - Rohm

Part # EMB11
Download  EMB11 Click to download

File Size   486.32 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -100mA -50V Complex Digital Transistors

EMB11 Datasheet (HTML) - Rohm


EMB11 Product details

Features
1) Two DTA114E chips in a EMT or UMT or SMT package.
2) Mounting possible with EMT3 or UMT3 or SMT3 automatic mounting machines.
3) Transistor elements are independent, eliminating interference.
4) Mounting cost and area can be cut in half.




Similar Part No. - EMB11

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB11 ROHM-EMB11 Datasheet
74Kb / 3P
General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
EMB11 HTSEMI-EMB11 Datasheet
1Mb / 1P
dual digital transistors (PNP PNP)
logo
Jiangsu Changjiang Elec...
EMB11 JIANGSU-EMB11 Datasheet
3Mb / 3P
Dual Digital Transistors (PNP P NP)
logo
Rohm
EMB11 ROHM-EMB11 Datasheet
1Mb / 11P
General purpose Dual digital transistors
EMB11 FHA ROHM-EMB11 FHA Datasheet
1Mb / 7P
General purpose (Dual digital transistors)
20161012 - Rev.001
More results


Similar Description - EMB11

ManufacturerPart #DatasheetDescription
logo
Rohm
EMG8T2R ROHM-EMG8T2R Datasheet
435Kb / 7P
NPN 100mA 50V Complex Digital Transistors
UMB4NTN ROHM-UMB4NTN Datasheet
447Kb / 7P
PNP -100mA -50V Complex Digital Transistors
UMB10NTN ROHM-UMB10NTN Datasheet
486Kb / 8P
PNP -100mA -50V Complex Digital Transistors
UMG4NTR ROHM-UMG4NTR Datasheet
424Kb / 7P
NPN 100mA 50V Complex Digital Transistors
UMH9NTN ROHM-UMH9NTN Datasheet
482Kb / 8P
NPN 100mA 50V Complex Digital Transistors
IMH2AT110 ROHM-IMH2AT110 Datasheet
681Kb / 8P
NPN 100mA 50V Complex Digital Transistors
UMB2NTN ROHM-UMB2NTN Datasheet
471Kb / 8P
PNP -100mA -50V Complex Digital Transistors
UMG5NTR ROHM-UMG5NTR Datasheet
420Kb / 7P
NPN 100mA 50V Complex Digital Transistors
EMH25 ROHM-EMH25_12 Datasheet
432Kb / 7P
NPN 100mA 50V Complex Digital Transistors
IMB10AFRA ROHM-IMB10AFRA Datasheet
1Mb / 10P
PNP -100mA -50V Complex Digital Transistors
2012.06 - Rev.D
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com